Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100TU-12H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM100TU-12H
Description  IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100TU-12H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM100TU-12H_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100TU-12H_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100TU-12H_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100TU-12H_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb. 2009
2
MITSUBISHI IGBT MODULES
CM100TU-12H
HIGH POWER SWITCHING USE
INSULATED TYPE
V
V
VCE = VCES, VGE = 0V
±VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 125
°C
VCC = 300V, IC = 100A, VGE = 15V
VCC = 300V, IC = 100A
VGE =
±15V
RG = 6.3
Resistive load
IE = 100A, VGE = 0V
IE = 100A,
die / dt = –200A /
µs
Junction to case, IGBT part (Per 1/6 module)
Junction to case, FWDi part (Per 1/6 module)
Case to heat sink, conductive grease applied
(Per 1/6 module)
(Note 6)
IC = 10mA, VCE = 10V
IC = 100A, VGE = 15V
(Note 4)
VCE = 10V
VGE = 0V
Collector cutoff current
Gate-emitter
threshold voltage
Gate-leakage current
Collector-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Emitter-collector voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
(Note 5)
Contact thermal resistance
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
VGE = 0V
VCE = 0V
TC = 25
°C
Pulse
(Note 1)
TC = 25
°C
Pulse
(Note 1)
TC = 25
°C
Charged part to base plate, f = 60Hz, AC 1 minute
Main terminals M4 screw
Mounting M5 screw
Typical value
Collector current
Emitter current
600
±20
100
200
100
200
400
–40 ~ +150
–40 ~ +125
2500
1.3 ~ 1.7
2.5 ~ 3.5
570
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
Symbol
Item
Conditions
Unit
Ratings
V
V
A
A
A
A
W
°C
°C
Vrms
N·m
N·m
g
VCES
VGES
IC
ICM
IE
(Note 2)
IEM (Note 2)
PC (Note 3)
Tj
Tstg
Viso
Min
Typ
Max
1
0.5
3.0
8.8
4.8
1.3
100
250
200
300
2.6
160
0.31
0.7
mA
µA
nF
nF
nF
nC
ns
ns
ns
ns
V
ns
µC
K/W
K/W
K/W
2.4
2.6
200
0.24
0.11
ICES
IGES
Cies
Coes
Cres
QG
td (on)
tr
td (off)
tf
VEC(Note 2)
trr
(Note 2)
Qrr (Note 2)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise specified)
Symbol
Item
Test Conditions
VGE(th)
VCE(sat)
Limits
Unit
6
4.5
Note 1. Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tjmax rating.
2. IE, VEC, trr, Qrr & die/dt represent characteristics of the anti-parallel, emitter-collector free-wheel diode.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
5. Case temperature (TC) measured point is shown in page OUTLINE DRAWING.
6. Typical value is measured by using thermally conductive grease of
λ = 0.9[W/(m • K)].
7.5


Similar Part No. - CM100TU-12H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100TU-12H MITSUBISHI-CM100TU-12H_12 Datasheet
320Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM100TU-12H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM75TU-24H MITSUBISHI-CM75TU-24H_09 Datasheet
118Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-24H MITSUBISHI-CM200DU-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200E3U-12H MITSUBISHI-CM200E3U-12H_09 Datasheet
80Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM400HU-24H MITSUBISHI-CM400HU-24H_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HA-5F MITSUBISHI-CM600HA-5F_00 Datasheet
53Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HN-5F MITSUBISHI-CM600HN-5F_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com