Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

430-2.0M-5HD-T Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 430-2.0M-5HD-T
Description  7 x 5 SMD Ceramic HCMOS / TTL Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

430-2.0M-5HD-T Datasheet(HTML) 3 Page - Oscilent Corporation

  430-2.0M-5HD-T Datasheet HTML 1Page - Oscilent Corporation 430-2.0M-5HD-T Datasheet HTML 2Page - Oscilent Corporation 430-2.0M-5HD-T Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
9.216
32.000
9.8304
32.514
10.000
33.000
11.0592
35.000
12.000
40.000
12.288
48.000
12.800
50.000
14.31818
64.000
14.7456
65.000
15.9744
66.666
16.000
80.000
NOTE: Other frequencies available. Please consult Oscilent for part numbers
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 430
Page 3 of 3
Oscilent Corporation | 430 Series Surface Mount Crystal Oscillators


Similar Part No. - 430-2.0M-5HD-T

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
430-251-2 ATM-430-251-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
430-253-2 ATM-430-253-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
More results

Similar Description - 430-2.0M-5HD-T

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
432-12.0M-7DC-TNC OSCILENT-432-12.0M-7DC-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
434-12.0M-5DC-TNC OSCILENT-434-12.0M-5DC-TNC Datasheet
144Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
481-2.4576M-5DN-TTS OSCILENT-481-2.4576M-5DN-TTS Datasheet
150Kb / 3P
   7 x 5 Programmable HCMOS / TTL Output
logo
EUROQUARTZ limited
MB572T EUROQUARTZ-MB572T Datasheet
205Kb / 1P
   7 x 5 x 2.3mm SMD HCMOS
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
logo
EUROQUARTZ limited
EMW57T EUROQUARTZ-EMW57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.8mm SMD, W Group
EM57T EUROQUARTZ-EM57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, MHz Range
EM57T33-32.768K-2.5 EUROQUARTZ-EM57T33-32.768K-2.5 Datasheet
137Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, kHz Range
EMV57T EUROQUARTZ-EMV57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, V Group
logo
Oscilent Corporation
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com