Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

731-455-AW Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 731-455-AW
Description  455 KHz 6 Element
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

731-455-AW Datasheet(HTML) 1 Page - Oscilent Corporation

  731-455-AW Datasheet HTML 1Page - Oscilent Corporation 731-455-AW Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Filters
Series Number
Package
Description
Last Modified
731
Ceramic LT/W
455 KHz 6 Element
Jan. 01 2008
Filter FEATURES
- Ultra small size
- 8.0mm profile
- Broadband width
- High selectivity
- 6 element
- RoHS Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS / PART NUMBER
GUIDE
PART NO.
6dB
Bandwidth
50dB Bandwidth
Pass Band
Ripple
Spurious
Attenuation
fn ±100KHz
Insertion
Loss
In/Output
Impedance
KHz min.
KHz max.
dB max.
dB min.
dB max.
Kohm
731-455-AW
±17
±35
2
40
4
1
731-455-BW
±15
±30
2
40
4
1.5
731-455-CW
±12.5
±24
2
40
4
1.5
731-455-DW
±10
±20
2
40
4
1.5
731-455-EW
±7.5
±15
2
40
6
1.5
731-455-FW
±6
±12.5
2
40
6
2
731-455-GW
±4.5
±10
2
40
6
2
731-455-HW
±3
±9
2
40
6
2
731-455-IW
±2
±7.5
2
40
6
2
731-455-HT
±3
±9
2
60
6
2
731-455-IT
±2
±7.5
2
60
6
2
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Page 1 of 2
Oscilent Corporation | 731 Series Ceramic Filter
4/3/2008
http://www.oscilent.com/spec_pages/Filters/F-731.htm


Similar Part No. - 731-455-AW

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
731-455-AW OSCILENT-731-455-AW Datasheet
138Kb / 2P
   455 KHz 6 Element
More results

Similar Description - 731-455-AW

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
731-455-IT OSCILENT-731-455-IT Datasheet
138Kb / 2P
   455 KHz 6 Element
738-455-AW OSCILENT-738-455-AW Datasheet
139Kb / 2P
   455 KHz 6 Element
738-455-IT OSCILENT-738-455-IT Datasheet
139Kb / 2P
   455 KHz 6 Element
736-459-AU OSCILENT-736-459-AU Datasheet
137Kb / 2P
   455 KHz 4 Element
734-455-AU OSCILENT-734-455-AU Datasheet
137Kb / 2P
   455 KHz 4 Element
736-459-HT OSCILENT-736-459-HT Datasheet
137Kb / 2P
   455 KHz 4 Element
730-450-AW OSCILENT-730-450-AW Datasheet
138Kb / 2P
   450 KHz 6 Element
737-450-AW OSCILENT-737-450-AW Datasheet
139Kb / 2P
   450 KHz 6 Element
737 OSCILENT-737 Datasheet
139Kb / 2P
   450 KHz 6 Element
730-450-HT OSCILENT-730-450-HT Datasheet
138Kb / 2P
   450 KHz 6 Element
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com