Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

493-28.0M-3FD-T Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 493-28.0M-3FD-T
Description  6 Pad PCB Base PECL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

493-28.0M-3FD-T Datasheet(HTML) 1 Page - Oscilent Corporation

  493-28.0M-3FD-T Datasheet HTML 1Page - Oscilent Corporation 493-28.0M-3FD-T Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
493
6 Pad PCB Base
PECL Output
Jan. 01 2007
FEATURES
- Wave form symmetry of 45/55%
- PECL / LVPECL output
- Industry standard 6 Pad PCB SMD Package
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
Positive ECL Square Wave (PECL)
-
Input Voltage (VDD)
-
3.3 ±5%
5.0 ±5%
V
Frequency Range (fO)
-
19.440 ~ 180.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
-
±20, ±25, ±50, ±100 max.
ppm
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
80 max.
120 max.
mA
Aging
@ 25°C
±3 max.
ppm/Y
Rise Time (TR)
20% to 80% of Waveform
1 max.
nS
Fall Time (TF)
20% to 80% of Waveform
1 max.
nS
Output Voltage High "1" VOH
PECL
Vcc - 1.025 min.
Vcc - 0.88 min.
Vdc
Output Voltage Low "0" VOL
PECL
Vcc - 1.620 max.
Vcc - 1.555 max.
Vdc
Load
Vdd - 2.0Vdc
50
Ohms
Duty Cycle
50% of Waveform
50 ±10 (Std.) / 50 ±5 (Option)
%
Jitter
RMS
1 max.
pS
PIN CONNECTIONS
Page 1 of 2
Oscilent Corporation | 493 Series Surface Mount Crystal Oscillators


Similar Part No. - 493-28.0M-3FD-T

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
493-105-221-121 EDAC-493-105-221-121 Datasheet
246Kb / 2P
   493 Series Edge Connector | DIN 41612
493-105-221-121 EDAC-493-105-221-121 Datasheet
139Kb / 1P
   493 Series,Edge Connector | DIN 41612
493-105-221-122 EDAC-493-105-221-122 Datasheet
246Kb / 2P
   493 Series Edge Connector | DIN 41612
493-105-221-122 EDAC-493-105-221-122 Datasheet
139Kb / 1P
   493 Series,Edge Connector | DIN 41612
493-105-222-121 EDAC-493-105-222-121 Datasheet
246Kb / 2P
   493 Series Edge Connector | DIN 41612
More results

Similar Description - 493-28.0M-3FD-T

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
494-28.0M-5DN-T OSCILENT-494-28.0M-5DN-T Datasheet
134Kb / 2P
   6 Pad PCB J-Lead PECL Output
491-28.0M-5DN-T OSCILENT-491-28.0M-5DN-T Datasheet
141Kb / 2P
   4 Pad PCB PECL Output
492-28.0M-5DN-T OSCILENT-492-28.0M-5DN-T Datasheet
142Kb / 2P
   4 Pad PCB J-Lead PECL Output
489-28.0M-5DN-TTS OSCILENT-489-28.0M-5DN-TTS Datasheet
145Kb / 2P
   6 Pad J-Lead Ceramic PECL Output
495-28.0M-5DN-T OSCILENT-495-28.0M-5DN-T Datasheet
142Kb / 2P
   5 x 7 Ceramic 6 Pad PECL Output
470-8.0M-5EC-TTS OSCILENT-470-8.0M-5EC-TTS Datasheet
142Kb / 2P
   4 Pad PCB Base HCMOS / TTL Output
490-28.0M-5DC-T OSCILENT-490-28.0M-5DC-T Datasheet
142Kb / 2P
   4 Pad J-Lead Ceramic PECL Output
logo
Suntsu Electronics, Inc...
SVCF6P SUNTSU-SVCF6P Datasheet
687Kb / 4P
   FR4 PCB 6 Pad LVPECL VCXO
SVCF6C SUNTSU-SVCF6C Datasheet
753Kb / 4P
   FR4 PCB 6 Pad CMOS VCXO
SVCF6L SUNTSU-SVCF6L Datasheet
648Kb / 4P
   FR4 PCB 6 Pad LVDS VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com