Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431-12.0M-3EL-TNC Datasheet(PDF) 2 Page - Oscilent Corporation

Part No. 431-12.0M-3EL-TNC
Description  7 x 5 SMD Ceramic Low Jitter 5pS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

431-12.0M-3EL-TNC Datasheet(HTML) 2 Page - Oscilent Corporation

  431-12.0M-3EL-TNC Datasheet HTML 1Page - Oscilent Corporation 431-12.0M-3EL-TNC Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1
No Connection or
Tri-State Enable
High
#2 Case Ground
#3 Output
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp.
(°C)
Duty Cycle
Pin 1 Connection
431
- 12.0M
- 3
E
N
- T
TS
Oscilent
SMD
Oscillators
Enter your desired
frequency e.g. 12.0M =
12.000MHz
5 = 5VDC
3 = 3.3VDC
D =
±100 PPM
E =
±50 PPM
F =
±25 PPM
Blank* = 0~+70
C = -10~+70
D = -20~+70
L = -20~+75
N = -40~+85
Blank*= 50±10%
T = -50±5%
NC = No
Connnection
TS = Tri-State
Enable High
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 431
Page 2 of 2
Oscilent Corporation | 431 Series Surface Mount Crystal Oscillators


Similar Part No. - 431-12.0M-3EL-TNC

ManufacturerPart No.DatasheetDescription
Willow Technologies Ltd
Willow Technologies Ltd
431-12 WILLOW-431-12 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results

Similar Description - 431-12.0M-3EL-TNC

ManufacturerPart No.DatasheetDescription
Oscilent Corporation
Oscilent Corporation
431 OSCILENT-431 Datasheet
133Kb / 2P
   Low Jitter 5pS
433-24.0M-5DC-TNC OSCILENT-433-24.0M-5DC-TNC Datasheet
134Kb / 2P
   7 x 5 SMD Ceramic Ultra Low Jitter 1pS
EUROQUARTZ limited
EUROQUARTZ limited
HM57P EUROQUARTZ-HM57P Datasheet
273Kb / 2P
   7 x 5 x 1.8mm SMD - Group P - Low Jitter
3EQHM57-B-32.768P EUROQUARTZ-3EQHM57-B-32.768P Datasheet
359Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Ocillator, Low Jitter
MMD Components
MMD Components
MTDS MMD-MTDS Datasheet
142Kb / 2P
   5 x 7 Ceramic SMD TCXO
MIH MMD-MIH Datasheet
76Kb / 1P
   5 x 7 Ceramic SMD Oscillator
MIHK MMD-MIHK Datasheet
72Kb / 1P
   5 x 7 Ceramic SMD Oscillator
EUROQUARTZ limited
EUROQUARTZ limited
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
   7 x 5 x 1.8mm SMD
MMD Components
MMD Components
MTDS MMD-MTDS_12 Datasheet
144Kb / 2P
   MTDS Series ??5 X 7 Ceramic SMD TCXO
MIMH3 MMD-MIMH3 Datasheet
53Kb / 1P
   5 x 7 Ceramic SMD 4 Pads Oscillator
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz