Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

470-8.0M-3EC-TTS Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 470-8.0M-3EC-TTS
Description  4 Pad PCB Base HCMOS / TTL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

470-8.0M-3EC-TTS Datasheet(HTML) 2 Page - Oscilent Corporation

  470-8.0M-3EC-TTS Datasheet HTML 1Page - Oscilent Corporation 470-8.0M-3EC-TTS Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1
No Connection or
Tri-State Enable
High
#2 Case Ground
#3 Ouput
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp. (°
C)
Duty Cycle
Pin 1 Connection
470
- 8.0 M
- 3
E
N
- T
TS
Oscilent
SMD
Oscillators
Enter your freq.
e.g. 8.0M = 8.00 MHz
See table below
for standard freq.
5 = 5VDC
3 = 3.3VDC
E =
±50 ppm
F =
±25 ppm
G =
±20 ppm
H =
±10 ppm
Blank* = 0~+70
C = -10~+70
D = -20~+70
N = -40~+85
Blank*= 50±10%
T = -50±5%
NC = No
Connnection
TS = Tri-State
Enable High
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 470
Page 2 of 2
Oscilent Corporation | 470 Series Surface Mount Crystal Oscillator


Similar Part No. - 470-8.0M-3EC-TTS

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
470-10-202-00-001000 MILL-MAX-470-10-202-00-001000 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Precid-Dip Durtal SA
470-10-216-00-001 PREDIP-470-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Mill-Max Mfg. Corp.
470-10-264-00-001000 MILL-MAX-470-10-264-00-001000 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
EDAC, All Rights Reserv...
470-100-529-001 EDAC-470-100-529-001 Datasheet
182Kb / 1P
   470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
   470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
More results

Similar Description - 470-8.0M-3EC-TTS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
420 OSCILENT-420 Datasheet
150Kb / 3P
   HCMOS / TTL Output
480 OSCILENT-480 Datasheet
150Kb / 3P
   HCMOS / TTL Output
470 OSCILENT-470 Datasheet
142Kb / 2P
   HCMOS / TTL Output
565-120.0M-3DN-TP1 OSCILENT-565-120.0M-3DN-TP1 Datasheet
135Kb / 2P
   HCMOS / TTL Output
430 OSCILENT-430 Datasheet
151Kb / 3P
   HCMOS / TTL Output
434 OSCILENT-434 Datasheet
144Kb / 2P
   HCMOS / TTL Output
565 OSCILENT-565 Datasheet
135Kb / 2P
   HCMOS / TTL Output
432 OSCILENT-432 Datasheet
142Kb / 2P
   HCMOS / TTL Output
481 OSCILENT-481 Datasheet
150Kb / 3P
   HCMOS / TTL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com