Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

434-12.0M-3EC-TNC Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 434-12.0M-3EC-TNC
Description  5 x 3.2 SMD Ceramic HCMOS / TTL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

434-12.0M-3EC-TNC Datasheet(HTML) 1 Page - Oscilent Corporation

  434-12.0M-3EC-TNC Datasheet HTML 1Page - Oscilent Corporation 434-12.0M-3EC-TNC Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
434
5 x 3.2 SMD Ceramic
HCMOS / TTL Output
Jan. 01 2007
FEATURES
- Ultra Low Jitter 1pS
- Low power consumption
- Tape and Reel
- Miniature profile 5 x 3.2 x 1.0
- 3.3V or 5.0V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (Vdd)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
0.450 ~ 100.00
MHz
Operating Temperature (TOPR)
-
0 ~ +70 Std. (Ext Temp Avail. See Table Below)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Frequency Stability
a + b + c + d
±20, ±25, ±50, ±100 max.
ppm
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (Vdd ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Current Consumption
-
10 ~ 45 (35) max.
15 ~ 85 (50) max.
mA
Aging
@ 25°C
±5 max.
ppm/Y
Rise Time (TR) / Fall Time (TF)
< 23.999 MHz
10 max.
nS
24.00 ~ 70.00 MHz
6 max.
70.001 ~ 100.00 MHz
4 max.
PIN 1 Tri-State Input Voltage (Option)
-
Vh (Pin 1) No Connection : Enables Output
-
-
Vh (Vih) > 2.2 Vdc : Enables Output
-
Vl (Vil) < 0.8 Vdc : Disables Output (High Impedance)
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
Vdd * 0.9 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
Vdd * 0.1 min.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
mS
Jitter
(12KHz to 20MHz)
RMS: ±1 max.
ps
PIN CONNECTIONS
Page 1 of 2
Oscilent Corporation | 434 Series Surface Mount Crystal Oscillator


Similar Part No. - 434-12.0M-3EC-TNC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
434 OSCILENT-434 Datasheet
144Kb / 2P
   HCMOS / TTL Output
logo
Bi technologies
434 BITECH-434 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
3M Electronics
434 3M-434 Datasheet
345Kb / 3P
   Vibration Damping Tapes
logo
Heyco.
4340 HEYCO-4340 Datasheet
114Kb / 1P
   Cable Holders - Snap Rivet Mount
More results

Similar Description - 434-12.0M-3EC-TNC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
432-12.0M-7DC-TNC OSCILENT-432-12.0M-7DC-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
430-2.0M-5DC-T OSCILENT-430-2.0M-5DC-T Datasheet
151Kb / 3P
   7 x 5 SMD Ceramic HCMOS / TTL Output
435-12.0M-3DC-TTS OSCILENT-435-12.0M-3DC-TTS Datasheet
169Kb / 2P
   3.2 x 2.5 SMD Ceramic HCMOS Output
logo
EUROQUARTZ limited
MB53T EUROQUARTZ-MB53T Datasheet
177Kb / 1P
   5 x 3.2 x 2.2mm SMD HCMOS
logo
Transko Electronics, In...
TSM53 TRANSKO-TSM53 Datasheet
416Kb / 1P
   MINIATURE SMD HCMOS/TTL OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: May 2015
logo
Oscilent Corporation
481-2.4576M-5DN-TTS OSCILENT-481-2.4576M-5DN-TTS Datasheet
150Kb / 3P
   7 x 5 Programmable HCMOS / TTL Output
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
MMD Components
MTTBS MMD-MTTBS Datasheet
411Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
MTH MMD-MTH Datasheet
78Kb / 1P
   5 x 3.2 Ceramic SMD Oscillator
MTTAS MMD-MTTAS Datasheet
347Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com