Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420-12.0M-5EC-T Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 420-12.0M-5EC-T
Description  Plastic J-Lead HCMOS / TTL Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

420-12.0M-5EC-T Datasheet(HTML) 1 Page - Oscilent Corporation

  420-12.0M-5EC-T Datasheet HTML 1Page - Oscilent Corporation 420-12.0M-5EC-T Datasheet HTML 2Page - Oscilent Corporation 420-12.0M-5EC-T Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
420
Plastic J-Lead
HCMOS / TTL Output
Jan. 01 2007
FEATURES
- Low Jitter
- Extended temperature range capabilities
- Tape and Reel
- Tri-State enable / disable
- 5V or 3.3V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
1.0 ~ 150.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 Std. (Ext Temp Avail. See Table Below)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Frequency Stability
a + b + c + d
±50, ±100 max. (Tighter Stability Avail.)
ppm
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±10%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
10 ~ 35 max.
23 ~ 50 max.
mA
Aging
@ 25°C
±5 max.
ppm/Y
Rise Time (TR) / Fall Time (TF)
-
8 max. (0.4V to 2.4V w/ TTL, 20% ~ 80% / HCMOS)
nS
PIN 1 Tri-State
-
Option
-
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD-0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
1~ 26 MHz
4 max.
mS
26 ~ 66.667 MHz
10 max.
Jitter (RMS)
1.000 ~ 50.000 MHz
±10 max.
ps
50.100 ~ 79.900 MHz
±5 max.
80.000 ~ 150.000 MHz
±3 max.
Page 1 of 3
Oscilent Corporation | 420 Series Surface Mount Crystal Oscillator


Similar Part No. - 420-12.0M-5EC-T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
420-2-61380111 3M-420-2-61380111 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
More results

Similar Description - 420-12.0M-5EC-T

ManufacturerPart #DatasheetDescription
logo
MMD Components
MLH MMD-MLH Datasheet
63Kb / 1P
   Ceramic J-Lead HCMOS/TTL Oscillator
logo
Oscilent Corporation
480-8.0M-5DN-TTS OSCILENT-480-8.0M-5DN-TTS Datasheet
150Kb / 3P
   Plastic Programmable HCMOS / TTL Output
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
420 OSCILENT-420 Datasheet
150Kb / 3P
   HCMOS / TTL Output
480 OSCILENT-480 Datasheet
150Kb / 3P
   HCMOS / TTL Output
470 OSCILENT-470 Datasheet
142Kb / 2P
   HCMOS / TTL Output
565-120.0M-3DN-TP1 OSCILENT-565-120.0M-3DN-TP1 Datasheet
135Kb / 2P
   HCMOS / TTL Output
430 OSCILENT-430 Datasheet
151Kb / 3P
   HCMOS / TTL Output
434 OSCILENT-434 Datasheet
144Kb / 2P
   HCMOS / TTL Output
565 OSCILENT-565 Datasheet
135Kb / 2P
   HCMOS / TTL Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com