Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3204 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3204
Description  1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3204 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3204 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LP3204
LP3204-datasheet
Feb.-2006
4
-4
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2µH, CIN= 4.7µF, COUT= 10µF, TA= 25°C, IMAX = 650mA unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
6
V
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
270
370
μ
A
Shutdown Current
ISHDN
EN = GND
0.1
1
μ
A
Reference Voltage
VREF
For adjustable output voltage
0.588
0.6
0.612
V
Adjustable Output Range
VOUT
VREF
VIN −
0.2
V
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.0V 0A <
IOUT < 600mA
3
+3
%
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.2V 0A <
IOUT < 600mA
3
+3
%
Fix
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.5V 0A <
IOUT < 600mA
3
+3
%
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.8V 0A <
IOUT < 600mA
3
+3
%
Δ
VOUT
VIN = 2.8 to 5.5V, VOUT = 2.5V 0A <
IOUT < 600mA
3
+3
%
Δ
VOUT
VIN = 3.5 to 5.5V, VOUT = 3.3V 0A <
IOUT < 600mA
3
+3
%
VIN = VOUT + 0.2V to 5.5V, VIN ≧
3.5V 0A < IOUT < 600mA
3
+3
%
Output
Voltage
Accuracy
Adjustable
Δ
VOUT
VIN = VOUT + 0.4V to 5.5V, VIN ≧
2.2V 0A < IOUT < 600mA
3
+3
%
FB Input
Current
IFB
VFB =
VIN
-30
30
nA
PMOSFET
RON
PRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.16
0.26
Ω
NMOSFET
RON
NRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.19
Ω
P-Channel
Current
Limit
IP(LM)
VIN =
2.2 to
5.5 V
1
1.2
1.4
EN
Threshold
VEN
0.3
1.0
1.5
V
EN Leakage
Current
VENL
--
1
uA


Similar Part No. - LP3204

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
LP3201-12B5F POWER-LP3201-12B5F Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
LP3201-18B5F POWER-LP3201-18B5F Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
LP3201-33B5F POWER-LP3201-33B5F Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
LP3201AB5F POWER-LP3201AB5F Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
More results

Similar Description - LP3204

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
   1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
   1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
   1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com