Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC048B018T014FP Datasheet(PDF) 11 Page - Vicor Corporation

Part # DC048B018T014FP
Description  48 V Input DC-DC Converter Modules
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B018T014FP Datasheet(HTML) 11 Page - Vicor Corporation

Back Button DC048B018T014FP Datasheet HTML 7Page - Vicor Corporation DC048B018T014FP Datasheet HTML 8Page - Vicor Corporation DC048B018T014FP Datasheet HTML 9Page - Vicor Corporation DC048B018T014FP Datasheet HTML 10Page - Vicor Corporation DC048B018T014FP Datasheet HTML 11Page - Vicor Corporation DC048B018T014FP Datasheet HTML 12Page - Vicor Corporation DC048B018T014FP Datasheet HTML 13Page - Vicor Corporation DC048B018T014FP Datasheet HTML 14Page - Vicor Corporation DC048B018T014FP Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.1
Page 11 of 21
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88
91
%
Nominal input; full load; 25°C
Ripple and noise
130
165
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
7.0
7.43
Volts
25°C; recycle input voltage to restart (1 minute off)
Dissipation, standby
5.5
7.6
Watts
No load
Load regulation
±0.6
±1.5
%
No load to full load; nominal input, deviation from setpoint
Output capacitance
3,000
µF
External
Load current
0
36
Amps
Current limit (peak)
38.88
41.4
46.8
Amps
Shut down, may require PC enable to initiate restart
Short circuit current (avg)
0
1.0
18.0
Amps
Shut down, may require PC enable to initiate restart
5.0 Vout, 180 W OPERATING SPECIFICATIONS - (e.g. DC048B050T018FP)
Power Dissipation vs. Output Current
Output Current (A)
36 V
48 V
75 V
Vin
4
6
8
10
12
14
16
18
20
22
0
3.6
7.2
10.8
14.4
18
21.6
25.2
28.8
32.4
36
Efficiency vs. Output Current
Output Current (A)
36 V
48 V
75 V
Vin
65
70
75
80
85
90
95
0
3.6
7.2
10.8 14.4
18
21.6 25.2 28.8 32.4
36
NL
Vin
Ripple vs. Output Current
Output Current (A)
0
20
40
60
80
100
120
140
160
0
10
203040
Figure 8-4 – Transient response 100 – 50%, 3 x 4.7 µF ceramic bypass
capacitance
Figure 8-1 – Efficiency vs. load
Figure 8-5 – Transient response 50 – 100%, 3 x 4.7 µF ceramic bypass
capacitance
Figure 8-2 – Power dissipation vs. load
Figure 8-3 – Output ripple vs. load with no external bypass capacitance
Figure 8-6 – Output voltage ripple at nominal line and full load with no
external bypass capacitance.


Similar Part No. - DC048B018T014FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B018T014FP VICOR-DC048B018T014FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
More results

Similar Description - DC048B018T014FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Texas Instruments
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com