Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSYPMS5A31A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSYPMS5A31A
Description  5mm Round Bi-Color Flashing Phoenix Yellow & Pure Green LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSYPMS5A31A Datasheet(HTML) 1 Page - OptoSupply International

  OSYPMS5A31A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5m
mm
m R
Ro
ou
un
nd
d B
Bii--C
Co
ollo
or
r F
Flla
assh
hiin
ng
g P
Ph
ho
oe
en
niix
x Y
Ye
ellllo
ow
w &
& P
Pu
ur
re
e G
Gr
re
ee
en
n
L
LE
ED
D
OSYPMS5A31A
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
Bi-Color Flashing Type
Water Clear Type
Applications
Toys
Games
Audio
Other Lighting
Unit:mm
Tolerance:+0.3mm
1
2
1:Anode
2:Cathode
5.0
0.5+0.1
2.54
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
Oscillator Frequency
Fled
1.8
Hz
Power Supply
Voltage
4.5
V
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max
Unit
DC Forward Voltage
Vdd
IF=20mA
3.0
3.3
4.5
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD (Yellow)
IF=20mA
585
590
595
nm
Domi. Wavelength*
λD (Green)
IF=20mA
520
525
530
nm
Iv (Yellow)
IF=20mA
-
8000
-
mcd
Luminous Intensity*
Iv (Green)
IF=20mA
-
8000
-
mcd
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSYPMS5A31A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSYPMS5A31A OPTOSUPPLY-OSYPMS5A31A Datasheet
103Kb / 1P
   5mm Round Bi-Color Flashing Yellow & Pure Green LED 1.8Hz 1/2 Duty Cycle
OSYPMS5A31A OPTOSUPPLY-OSYPMS5A31A_09 Datasheet
103Kb / 1P
   5mm Round Bi-Color Flashing Yellow & Pure Green LED 1.8Hz 1/2 Duty Cycle
More results

Similar Description - OSYPMS5A31A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRPMS5A31A OPTOSUPPLY-OSRPMS5A31A Datasheet
97Kb / 1P
   5mm Round Bi-Color Flashing Phoenix Red & Pure Green LED
OSYBMS5A31A OPTOSUPPLY-OSYBMS5A31A Datasheet
98Kb / 1P
   5mm Round Bi-Color Flashing Phoenix Yellow & Super Blue LED
OSYGHS5A31A OPTOSUPPLY-OSYGHS5A31A Datasheet
97Kb / 1P
   5mm Round Bi-Color Flashing Yellow & Yellow Green LED
OSOGHS5A31A OPTOSUPPLY-OSOGHS5A31A Datasheet
97Kb / 1P
   5mm Round Bi-Color Flashing Orange & Yellow Green LED
OSRGHS5A31A OPTOSUPPLY-OSRGHS5A31A Datasheet
97Kb / 1P
   5mm Round Bi-Color Flashing Red & Yellow Green LED
OSYPMS5A31A OPTOSUPPLY-OSYPMS5A31A_09 Datasheet
103Kb / 1P
   5mm Round Bi-Color Flashing Yellow & Pure Green LED 1.8Hz 1/2 Duty Cycle
OSG5DS5A31A OPTOSUPPLY-OSG5DS5A31A Datasheet
95Kb / 1P
   5mm Round Flashing Pure Green LED
OSO5MS5A31A OPTOSUPPLY-OSO5MS5A31A Datasheet
95Kb / 1P
   5mm Round Flashing Phoenix Orange LED
OSR5MS5A31A OPTOSUPPLY-OSR5MS5A31A Datasheet
96Kb / 1P
   5mm Round Flashing Phoenix Red LED
OSBWDS5A32A OPTOSUPPLY-OSBWDS5A32A Datasheet
104Kb / 1P
   5mm Round Bi-Color Flashing Blue & White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com