Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OSY5XATHC1E Datasheet(PDF) 1 Page - OptoSupply International

Part No. OSY5XATHC1E
Description  5x5x1.3mmTops H Power Amber LED
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOSUPPLY [OptoSupply International]
Homepage  http://www.optosupply.com
Logo 

OSY5XATHC1E Datasheet(HTML) 1 Page - OptoSupply International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5x
x5
5x
x1
1..3
3m
mm
mT
To
op
pss H
H P
Po
ow
we
er
r A
Am
mb
be
er
r
L
LE
ED
D
OSY5XATHC1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
1
2.2
4.2
1.3
5
Cathode(-)
Anode(+)
(2.9)
Back View
Unite:mm
Tolerance:±0.20
0~+0.07 Max
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
200
mA
Pulse Forward Current*
IFP
250
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms , Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=150mA
2.0
2.5
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=150mA
585
590
595
nm
Luminous Flux
Φ
v
IF=150mA
-
20
35
lm
50% Power Angle
1/2
IF=150mA
-
120
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for Tops H emitter series.
LED & Application Technologies
200
175
150
125
0
25
50
75
100
025
50
75
125
Ambient Temperature, TA
()
100
RJ-A=70
/W
RJ-A=90
℃/W
RJ-A=110
/W


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn