Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OSY5XAS3C1H Datasheet(PDF) 1 Page - OptoSupply International

Part No. OSY5XAS3C1H
Description  3.5x2.8x1.9mm Yellow Power Top H SMD LED
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOSUPPLY [OptoSupply International]
Homepage  http://www.optosupply.com
Logo 

OSY5XAS3C1H Datasheet(HTML) 1 Page - OptoSupply International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
3.5x2.8x1.9mm Yellow Power Top H SMD
LED
OSY5XAS3C1H
Features
Outline Dimension
Highest Luminous P
PL
LC
CC
C44 P
Poow
weerr T
Toopp S
SM
MD
D LEDs
Super energy efficiency
Superior Weather-resistance
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
1.9
2.8
0.1Typ.
2.2
0.75
1
2
4
3
1
2
3
4
1.Anode
2,3,4. Cathode
Unit:mm
Tolerance:±0.30mm
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
120
mA
Pulse Forward Current*
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
480
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=70mA
2.0
2.5
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi Wavelength*
λD
IF=70mA
585
590
595
nm
Luminous Intensity*
I
v
IF=70mA
-
4500
-
mcd
50% Power Angle
1/2
IF=70mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn