Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OSY5SA5MC1B Datasheet(PDF) 1 Page - OptoSupply International

Part No. OSY5SA5MC1B
Description  5mm Concave Yellow LED
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOSUPPLY [OptoSupply International]
Homepage  http://www.optosupply.com
Logo 

OSY5SA5MC1B Datasheet(HTML) 1 Page - OptoSupply International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5mm Concave Yellow LED
OSY5SA5MC1B
Features
Outline Dimension
High Luminous LEDs
5mm Concave Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
1
2
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
5.0
5.0
2.54
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
72
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.4
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
585
590
595
nm
Luminous Intensity*
Iv
IF=20mA
-
100
-
mcd
50% Power Angle
1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn