Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC510IOE713 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC510IOE713
Description  Precision Analog Front Ends with Dual Slope ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510IOE713 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC510IOE713 Datasheet HTML 7Page - Microchip Technology TC510IOE713 Datasheet HTML 8Page - Microchip Technology TC510IOE713 Datasheet HTML 9Page - Microchip Technology TC510IOE713 Datasheet HTML 10Page - Microchip Technology TC510IOE713 Datasheet HTML 11Page - Microchip Technology TC510IOE713 Datasheet HTML 12Page - Microchip Technology TC510IOE713 Datasheet HTML 13Page - Microchip Technology TC510IOE713 Datasheet HTML 14Page - Microchip Technology TC510IOE713 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 11
TC500/A/510/514
5.0
TC500/A/510/514 CONVERTER
OPERATION
The TC500/A/510/514 incorporates an auto-zero and
Integrator phase in addition to the input signal Integrate
and reference De-integrate phases. The addition of
these phases reduce system errors, calibration steps
and shorten overrange recovery time. A typical
measurement cycle uses all four phases in the
following order:
1.
Auto-zero.
2.
Input signal integration.
3.
Reference de-integration.
4.
Integrator output zero.
The internal analog switch status for each of these
phases is summarized in Table 5-1. This table
references the Typical Application.
TABLE 5-1:
INTERNAL ANALOG GATE STATUS
5.1
Auto-zero Phase (AZ)
During this phase, errors due to buffer, integrator and
comparator offset voltages are nulled out by charging
CAZ (auto-zero capacitor) with a compensating error
voltage.
The external input signal is disconnected from the
internal circuitry by opening the two SWI switches. The
internal input points connect to analog common. The
reference capacitor is charged to the reference voltage
potential through SWR. A feedback loop, closed around
the integrator and comparator, charges the capacitor
(CAZ) with a voltage to compensate for buffer amplifier,
integrator and comparator offset voltages.
5.2
Analog Input Signal Integration
Phase (INT)
The TC5XX integrates the differential voltage between
the VIN+ and VIN– inputs. The differential voltage must
be within the device’s Common mode range VCMR. The
input signal polarity is normally checked via software at
the end of this phase: CMPTR = 1 for positive polarity;
CMPTR = 0 for negative polarity.
5.3
Reference Voltage De-integration
Phase (DINT)
The previously charged reference capacitor is
connected with the proper polarity to ramp the
integrator output back to zero. An externally-provided,
precision timer is used to measure the duration of this
phase. The resulting time measurement is proportional
to the magnitude of the applied input voltage.
5.4
Integrator Output Zero Phase (IZ)
This phase ensures the integrator output is at 0V when
the auto-zero phase is entered, and that only system
offset voltages are compensated. This phase is used at
the end of the reference voltage de-integration phase
and MUST be used for ALL TC5XX applications having
resolutions of 12-bits or more. If this phase is not used,
the value of the auto-zero capacitor (CAZ) must be
about 2 to 3 times the value of the integration capacitor
(CINT) to reduce the effects of charge sharing. The
integrator output zero phase should be programmed to
operate until the output of the comparator returns high.
The overall timing system is shown in Figure 5-1.
Conversion Phase
SWI
SWR+SWR-SWZ
SWR
SW1
SWIZ
Auto-zero (A = 0, B = 1)
Closed
Closed
Closed
Input Signal Integration (A = 1, B = 0)
Closed
Reference Voltage De-integration
(A =1, B = 1)
*
Closed
Closed
Integrator Output Zero (A = 0, B = 0)
Closed
Closed
Closed
* Assumes a positive polarity input signal. SW–RI would be closed for a negative input signal.


Similar Part No. - TC510IOE713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC510IOE713 MICROCHIP-TC510IOE713 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
More results

Similar Description - TC510IOE713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
   FET Input Analog Front End with ADC Driver
logo
List of Unclassifed Man...
ES51966 ETC1-ES51966 Datasheet
509Kb / 27P
   44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com