Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC510IOE Datasheet(PDF) 5 Page - Microchip Technology

Part # TC510IOE
Description  Precision Analog Front Ends with Dual Slope ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510IOE Datasheet(HTML) 5 Page - Microchip Technology

  TC510IOE Datasheet HTML 1Page - Microchip Technology TC510IOE Datasheet HTML 2Page - Microchip Technology TC510IOE Datasheet HTML 3Page - Microchip Technology TC510IOE Datasheet HTML 4Page - Microchip Technology TC510IOE Datasheet HTML 5Page - Microchip Technology TC510IOE Datasheet HTML 6Page - Microchip Technology TC510IOE Datasheet HTML 7Page - Microchip Technology TC510IOE Datasheet HTML 8Page - Microchip Technology TC510IOE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 5
TC500/A/510/514
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Output Voltage vs. Load
Current.
FIGURE 2-2:
Output Ripple vs. Load
Current.
FIGURE 2-3:
Oscillator Frequency vs.
Capacitance.
FIGURE 2-4:
Output Voltage vs. Output
Current.
FIGURE 2-5:
Output Source Resistance
vs. Temperature.
FIGURE 2-6:
Oscillator Frequency vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Load Current (mA)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1020
3040
50
60
70
80
TA = +25°C
V+ = 5V
Slope 60
Ω
Load Current (mA)
0
3
456
12
7
8
9 10
0
25
50
75
100
125
150
175
200
V+ = 5V, TA = +25°C
Osc. Freq. = 100 kHz
CAP = 1 µF
CAP = 10 µF
Oscillator Capacitance (pF)
100
10
1
110
100
1000
TA = +25°C
V+ = 5V
Output Current (mA)
06
8
10
4
214
16
18
12
20
-0
-1
-3
-2
-4
-5
-7
-6
-8
TA = +25°C
Temperature (°C)
70
80
90
100
60
50
40
-50
025
-25
50
75
100
V+ = 5V
IOUT = 10 mA
Temperature (°C)
125
150
100
75
50
-50
025
-25
50
75
125
100
V+ = 5V


Similar Part No. - TC510IOE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC510IOE MICROCHIP-TC510IOE Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC510IOE713 MICROCHIP-TC510IOE713 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
More results

Similar Description - TC510IOE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
   FET Input Analog Front End with ADC Driver
logo
List of Unclassifed Man...
ES51966 ETC1-ES51966 Datasheet
509Kb / 27P
   44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com