Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2055-2.5VCTTR Datasheet(PDF) 5 Page - Microchip Technology

Part # TC2055-2.5VCTTR
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2055-2.5VCTTR Datasheet(HTML) 5 Page - Microchip Technology

  TC2055-2.5VCTTR Datasheet HTML 1Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 2Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 3Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 4Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 5Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 6Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 7Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 8Page - Microchip Technology TC2055-2.5VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 5
TC2054/2055/2186
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Power Supply Rejection
Ratio.
FIGURE 2-2:
Power Supply Rejection
Ratio.
FIGURE 2-3:
Output Noise vs. Frequency.
FIGURE 2-4:
Power Supply Rejection
Ratio.
FIGURE 2-5:
Power Supply Rejection
Ratio.
FIGURE 2-6:
Dropout Voltage vs. ILOAD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
1,000,000
f (Hz)
VINDC = 4V
VINAC = 100 mVp-p
VOUTDC = 3V
IOUT = 100 µA
COUT = 1 µF Ceramic
10
100
1000
10k
100k
1M
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
1,000,000
f (Hz)
10
100
1000
10k
1M
100k
VINDC = 4V
VINAC = 100 mVp-p
VOUTDC = 3V
IOUT = 150 mA
COUT = 1 µF Ceramic
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)
C
OUT = 1 µF
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
1,000,000
f (Hz)
VINDC = 4V
VINAC = 100 mVp-p
VOUTDC = 3V
IOUT = 150 mA
COUT = 10 µF Ceramic
10
100
1000
10k
100k
1M
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
1,000,000
f (Hz)
10
100
1000
10k
100k
1M
VINDC = 4V
VINAC = 100 mVp-p
VOUTDC = 3V
IOUT = 150 mA
COUT = 10 µF Tantalum
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0
50
100
150
T = 130°C
T = -45°C
T = 25°C
ILOAD (mA)
VOUT = 1.8V


Similar Part No. - TC2055-2.5VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2055 MICROCHIP-TC2055 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC2055 MICROCHIP-TC2055 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
More results

Similar Description - TC2055-2.5VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com