Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2054-2.6VCTTR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC2054-2.6VCTTR
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054-2.6VCTTR Datasheet(HTML) 1 Page - Microchip Technology

  TC2054-2.6VCTTR Datasheet HTML 1Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 2Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 3Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 4Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 5Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 6Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 7Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 8Page - Microchip Technology TC2054-2.6VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 1
TC2054/2055/2186
Features
• Low Supply Current (55 µA Typical) for Longer
Battery Life
• Low Dropout Voltage: 140 mV (Typical) @
150 mA
• High Output Voltage Accuracy: ±0.4% (Typical)
• Standard or Custom Output Voltages
• Power-Saving Shutdown Mode
• ERROR Output Can Be Used as a Low Battery
Detector or Processor Reset Generator
• Fast Shutdown Reponse Time: 60 µs (Typical)
• Overcurrent and Overtemperature Protection
• Space-Saving 5-Pin SOT-23A Package
• Pin Compatible Upgrades for Bipolar Regulators
• Standard Output Voltage Options:
- 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V,
3.3V, 5.0V
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular / GSMS / PHS Phones
• Pagers
Typical Application
General Description
The TC2054, TC2055 and TC2186 are high accuracy
(typically ±0.4%) CMOS upgrades for older (bipolar)
low dropout regulators. Designed specifically for
battery-operated systems, the devices’ total supply
current is typically 55 µA at full load (20 to 60 times
lower than in bipolar regulators).
The devices’ key features include low noise operation,
low dropout voltage – typically 45 mV (TC2054); 90 mV
(TC2055); and 140 mV (TC2186) at full load - and fast
response to step changes in load. An error output
(ERROR)
is
asserted
when
the
devices
are
out-of-regulation (due to a low input voltage or
excessive output current). Supply current is reduced to
0.5 µA (maximum) and both VOUT and ERROR are
disabled when the shutdown input is low. The devices
also incorporate overcurrent and overtemperature
protection.
The TC2054, TC2055 and TC2186 are stable with a
low esr ceramic output capacitor of 1 µF and have a
maximum output current of 50 mA, 100 mA and
150 mA, respectively. This LDO Family also features a
fast response time (60 µs typically) when released from
shutdown.
Package Type
1µF
Shutdown Control
(from Power Control Logic)
TC2054
TC2055
TC2186
VIN
1
2
34
5
VIN
VOUT
ERROR
SHDN
GND
1M
VOUT
ERROR
1µF
TC2054
TC2055
TC2186
1
3
4
5
2
ERROR
GND
VOUT
VIN
SHDN
5-Pin SOT-23A
Top View
50 mA, 100 mA, and 150 mA CMOS LDOs
with Shutdown and Error Output


Similar Part No. - TC2054-2.6VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
More results

Similar Description - TC2054-2.6VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com