Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3008T Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3008T
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3008T Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3008T Datasheet HTML 16Page - Microchip Technology MCP3008T Datasheet HTML 17Page - Microchip Technology MCP3008T Datasheet HTML 18Page - Microchip Technology MCP3008T Datasheet HTML 19Page - Microchip Technology MCP3008T Datasheet HTML 20Page - Microchip Technology MCP3008T Datasheet HTML 21Page - Microchip Technology MCP3008T Datasheet HTML 22Page - Microchip Technology MCP3008T Datasheet HTML 23Page - Microchip Technology MCP3008T Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MCP3004/3008
DS21295D-page 20
© 2008 Microchip Technology Inc.
FIGURE 5-1:
Communication with the MCP3004 or MCP3008.
FIGURE 5-2:
Communication with MCP3004 or MCP3008 in LSB First Format.
CS
CLK
DIN
DOUT
D1
D2
D0
HI-Z
Don’t Care
Null
Bit B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 *
HI-Z
tSAMPLE
tCONV
SGL/
DIFF
Start
tCYC
tCSH
tCYC
D2
SGL/
DIFF
Start
*
After completing the data transfer, if further clocks are applied with CS low, the A/D converter will output LSB
first data, then followed with zeros indefinitely. See Figure 5-2 below.
**
tDATA: during this time, the bias current and the comparator powers down while the reference input becomes
a high-impedance node.
tDATA **
tSUCS
Null
Bit
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
CS
CLK
DOUT
HI-Z
HI-Z
(MSB)
tCONV
tDATA **
Power Down
tSAMPLE
Start
SGL/
DIFF
DIN
tCYC
tCSH
D0
D1
D2
* After completing the data transfer, if further clocks are applied with CS low, the A/D converter will output zeros
indefinitely.
** tDATA: During this time, the bias circuit and the comparator powers down while the reference input becomes
a high-impedance node, leaving the CLK running to clock out LSB first data or zeroes.
tSUCS
Don’t Care
*


Similar Part No. - MCP3008T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3008T-I/P MICROCHIP-MCP3008T-I/P Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/SL MICROCHIP-MCP3008T-I/SL Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/ST MICROCHIP-MCP3008T-I/ST Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
More results

Similar Description - MCP3008T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com