Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP3008T Datasheet(PDF) 15 Page - Microchip Technology

Part No. MCP3008T
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3008T Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3008T Datasheet HTML 11Page - Microchip Technology MCP3008T Datasheet HTML 12Page - Microchip Technology MCP3008T Datasheet HTML 13Page - Microchip Technology MCP3008T Datasheet HTML 14Page - Microchip Technology MCP3008T Datasheet HTML 15Page - Microchip Technology MCP3008T Datasheet HTML 16Page - Microchip Technology MCP3008T Datasheet HTML 17Page - Microchip Technology MCP3008T Datasheet HTML 18Page - Microchip Technology MCP3008T Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21295D-page 15
MCP3004/3008
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Digital Ground (DGND)
Digital ground connection to internal digital circuitry.
3.2
Analog Ground (AGND)
Analog ground connection to internal analog circuitry.
3.3
Analog inputs (CH0 - CH7)
Analog inputs for channels 0 - 7, respectively, for the
multiplexed inputs. Each pair of channels can be
programmed to be used as two independent channels
in single-ended mode or as a single pseudo-differential
input where one channel is IN+ and one channel is IN.
See Section 4.1 “Analog Inputs”, “Analog Inputs”,
and Section 5.0 “Serial Communication”, “Serial
Communication”, for information on programming the
channel configuration.
3.4
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and
clock out each bit of the conversion as it takes place.
See Section 6.2 “Maintaining Minimum Clock
Speed”
, “Maintaining Minimum Clock Speed”, for
constraints on clock speed.
3.5
Serial Data Input (DIN)
The SPI port serial data input pin is used to load
channel configuration data into the device.
3.6
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place.
3.7
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low. When pulled high, it
will end a conversion and put the device in low-power
standby. The CS/SHDN pin must be pulled high
between conversions.
MCP3004
MCP3008
Symbol
Description
PDIP, SOIC,
TSSOP
PDIP, SOIC
1
1
CH0
Analog Input
2
2
CH1
Analog Input
3
3
CH2
Analog Input
4
4
CH3
Analog Input
5
CH4
Analog Input
6
CH5
Analog Input
7
CH6
Analog Input
8
CH7
Analog Input
7
9
DGND
Digital Ground
810
CS/SHDN
Chip Select/Shutdown Input
911
DIN
Serial Data In
10
12
DOUT
Serial Data Out
11
13
CLK
Serial Clock
12
14
AGND
Analog Ground
13
15
VREF
Reference Voltage Input
14
16
VDD
+2.7V to 5.5V Power Supply
5,6
NC
No Connection


Similar Part No. - MCP3008T

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP3008T-I/P MICROCHIP-MCP3008T-I/P Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/SL MICROCHIP-MCP3008T-I/SL Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/ST MICROCHIP-MCP3008T-I/ST Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
More results

Similar Description - MCP3008T

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz