Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP3008T Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3008T
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3008T Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3008T Datasheet HTML 8Page - Microchip Technology MCP3008T Datasheet HTML 9Page - Microchip Technology MCP3008T Datasheet HTML 10Page - Microchip Technology MCP3008T Datasheet HTML 11Page - Microchip Technology MCP3008T Datasheet HTML 12Page - Microchip Technology MCP3008T Datasheet HTML 13Page - Microchip Technology MCP3008T Datasheet HTML 14Page - Microchip Technology MCP3008T Datasheet HTML 15Page - Microchip Technology MCP3008T Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MCP3004/3008
DS21295D-page 12
© 2008 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = +25°C.
FIGURE 2-31:
IDD vs. VDD.
FIGURE 2-32:
IDD vs. Clock Frequency.
FIGURE 2-33:
IDD vs. Temperature.
FIGURE 2-34:
IREF vs. VDD.
FIGURE 2-35:
IREF vs. Clock Frequency.
FIGURE 2-36:
IREF vs. Temperature.
0
50
100
150
200
250
300
350
400
450
500
550
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
VREF = VDD
All points at fCLK = 3.6 MHz except
at VREF = VDD = 2.5 V, fCLK = 1.35 MHz
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
10000
Clock Frequency (kHz)
VDD = VREF = 5 V
VDD = VREF = 2.7 V
0
50
100
150
200
250
300
350
400
450
500
550
-50
-25
0
255075
100
Temperature (°C)
VDD = VREF = 5 V
fCLK = 3.6 MHz
VDD = VREF = 2.7 V
fCLK = 1.35 MHz
0
50
100
150
200
250
300
350
400
450
500
550
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
VREF = VDD
All points at fCLK = 3.6 MHz except
at VREF = VDD = 2.5 V, fCLK = 1.35 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1000
10000
Clock Frequency (kHz)
VDD = VREF = 5 V
VDD = VREF = 2.7 V
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
Temperature (°C)
VDD = VREF = 5 V
fCLK = 3.6 MHz
VDD = VREF = 2.7 V
fCLK = 1.35 MHz


Similar Part No. - MCP3008T

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
MCP3008T-I/P MICROCHIP-MCP3008T-I/P Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/SL MICROCHIP-MCP3008T-I/SL Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/ST MICROCHIP-MCP3008T-I/ST Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
More results

Similar Description - MCP3008T

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com