Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP3008T Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3008T
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3008T Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3008T Datasheet HTML 24Page - Microchip Technology MCP3008T Datasheet HTML 25Page - Microchip Technology MCP3008T Datasheet HTML 26Page - Microchip Technology MCP3008T Datasheet HTML 27Page - Microchip Technology MCP3008T Datasheet HTML 28Page - Microchip Technology MCP3008T Datasheet HTML 29Page - Microchip Technology MCP3008T Datasheet HTML 30Page - Microchip Technology MCP3008T Datasheet HTML 31Page - Microchip Technology MCP3008T Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MCP3004/3008
DS21295D-page 28
© 2008 Microchip Technology Inc.
/HDG3ODVWLF 6PDOO 2XWOLQH 6/ ±1DUURZ
PP %RG\>62,&@
1RWHV
3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD
† 6LJQLILFDQW &KDUDFWHULVWLF
'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG
PP SHU VLGH
'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <
0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZ PLFURFKLSFRP SDFNDJLQJ
8QLWV0,//,0(7(56
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV1
3LWFK
H
%6&
2YHUDOO +HLJKW
$
±
±
0ROGHG 3DFNDJH 7KLFNQHVV
$
±
±
6WDQGRII †
$
±
2YHUDOO :LGWK
(
%6&
0ROGHG 3DFNDJH :LGWK
(
%6&
2YHUDOO /HQJWK
'
%6&
&KDPIHU RSWLRQDO
K
±
)RRW /HQJWK
/
±
)RRWSULQW
/
5()
)RRW $QJOH
I
ƒ
±
ƒ
/HDG 7KLFNQHVV
F
±
/HDG :LGWK
E
±
0ROG 'UDIW $QJOH 7RS
D
ƒ
±
ƒ
0ROG 'UDIW $QJOH %RWWRP
E
ƒ
±
ƒ
NOTE 1
N
D
E
E1
1
23
b
e
A
A1
A2
L
L1
c
h
h
α
β
φ
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%


Similar Part No. - MCP3008T

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
MCP3008T-I/P MICROCHIP-MCP3008T-I/P Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/SL MICROCHIP-MCP3008T-I/SL Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/ST MICROCHIP-MCP3008T-I/ST Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
More results

Similar Description - MCP3008T

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com