Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3008T Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3008T
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3008T Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3008T Datasheet HTML 21Page - Microchip Technology MCP3008T Datasheet HTML 22Page - Microchip Technology MCP3008T Datasheet HTML 23Page - Microchip Technology MCP3008T Datasheet HTML 24Page - Microchip Technology MCP3008T Datasheet HTML 25Page - Microchip Technology MCP3008T Datasheet HTML 26Page - Microchip Technology MCP3008T Datasheet HTML 27Page - Microchip Technology MCP3008T Datasheet HTML 28Page - Microchip Technology MCP3008T Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21295D-page 25
MCP3004/3008
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available characters
for customer-specific information.
3
e
3
e
14-Lead PDIP (300 mil)
Example:
14-Lead SOIC (150 mil)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
YYWWNNN
MCP3004
0819256
XXXXXXXXXXX
MCP3004
0819256
XXXXXXXXXXX
XXXXXXXX
NNN
YYWW
14-Lead TSSOP (4.4mm) *
Example:
3004
256
I819
3
e
3
e
I/P
ISL ^^


Similar Part No. - MCP3008T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3008T-I/P MICROCHIP-MCP3008T-I/P Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/SL MICROCHIP-MCP3008T-I/SL Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3008T-I/ST MICROCHIP-MCP3008T-I/ST Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
More results

Similar Description - MCP3008T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com