Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BM-41EG57MD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BM-41EG57MD
Description  hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BM-41EG57MD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BM
M--4
41
1E
EG
G5
57
7M
MD
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
74.80(2.945)
12.80(.504)
12.0x12.0
(.472x.472)
3.00(.118) MIN.
PIN 1.
0.80(.031)
5.08x8=40.64(1.600)
76.20(3.000)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
4.118 inch (104.6mm) matrix height.
2.
Square size 12.0 × 12.0mm.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Multiplex drive , column anode com.
and row cathode com.
7.
Multi color available.
8.
Categorized for luminous intensity.
9.
Stackable vertically and horizontally.
Description :
1.
The BM-41EG57MD is a
104.6mm (4.118")matrix height
5×7 square matrix display.
2.
This product use hi-eff red chips and
green chips, the hi-eff red chips are
made from GaAsP on GaP substrate,
the green chips are made from GaP
on GaP subtrate.
3.
This product have a black face and
white squares.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn