Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSR5XATHC1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5XATHC1E
Description  5x5x1.3mmTops H Power Red LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5XATHC1E Datasheet(HTML) 1 Page - OptoSupply International

  OSR5XATHC1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5x
x5
5x
x1
1..3
3m
mm
mT
To
op
pss H
H P
Po
ow
we
er
r R
Re
ed
d
L
LE
ED
D
OSR5XATHC1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
1
2.2
4.2
1.3
5
Cathode(-)
Anode(+)
(2.9)
Back View
Unite:mm
Tolerance:±0.20
0~+0.07 Max
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
200
mA
Pulse Forward Current*
IFP
250
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms ,Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=150mA
2.0
2.5
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=150mA
619
624
629
nm
Luminous Flux
Φ
v
IF=150mA
-
20
35
lm
50% Power Angle
1/2
IF=150mA
-
120
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for Tops H emitter series.
LED & Application Technologies
200
175
150
125
0
25
50
75
100
025
50
75
125
Ambient Temperature, TA
()
100
RJ-A=70
/W
RJ-A=90
℃/W
RJ-A=110
/W


Similar Part No. - OSR5XATHC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XAT1C1E OPTOSUPPLY-OSR5XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Red LED
OSR5XAT1C1S OPTOSUPPLY-OSR5XAT1C1S Datasheet
111Kb / 1P
   Tops 1 Power LED
OSR5XAT3C1E OPTOSUPPLY-OSR5XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Red LED
More results

Similar Description - OSR5XATHC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTCWBTHC1E OPTOSUPPLY-OSTCWBTHC1E Datasheet
125Kb / 1P
   5x5x1.3mmTops H Power Pure Green &Red & Bllue LED
OSTCXBTHC1E OPTOSUPPLY-OSTCXBTHC1E Datasheet
95Kb / 1P
   5x5x1.3mmTops H Power Pure Green &Red & Bllue LED
OSM5XATHC1E OPTOSUPPLY-OSM5XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mmTops H Power Warm White LED
OSY5XATHC1E OPTOSUPPLY-OSY5XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mmTops H Power Amber LED
OSW4XATHC1E OPTOSUPPLY-OSW4XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mmTops H Power Cool White LED
OSW4XATHC1E OPTOSUPPLY-OSW4XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mmTops H Power Cool White LED
OSTCXBSGC1E OPTOSUPPLY-OSTCXBSGC1E Datasheet
120Kb / 1P
   5x5x1.3mmTops Power Pure Green &Red & Bllue LED
OSG5XATHC1E OPTOSUPPLY-OSG5XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mmTops H Power Pure GreenLED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E_11 Datasheet
151Kb / 2P
   Xeon H Power Red LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com