Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF530 Datasheet(PDF) 2 Page - Motorola, Inc

Part # IRF530
Description  N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

IRF530 Datasheet(HTML) 2 Page - Motorola, Inc

  IRF530 Datasheet HTML 1Page - Motorola, Inc IRF530 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - IRF530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF530 STMICROELECTRONICS-IRF530 Datasheet
47Kb / 3P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
June 1988
logo
First Components Intern...
IRF530 FCI-IRF530 Datasheet
356Kb / 6P
   14.0A 100V N CHANNEL POWER MOSFET
logo
Transys Electronics
IRF530 TRSYS-IRF530 Datasheet
481Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE
logo
Vishay Siliconix
IRF530 VISHAY-IRF530 Datasheet
282Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Samsung semiconductor
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results

Similar Description - IRF530

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTM60N06 NJSEMI-MTM60N06 Datasheet
95Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
MTH8N60 MOTOROLA-MTH8N60 Datasheet
386Kb / 5P
   Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
MTM55N10 MOTOROLA-MTM55N10 Datasheet
192Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
MTH8N40 MOTOROLA-MTH8N40 Datasheet
385Kb / 5P
   Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
MTH8N90 MOTOROLA-MTH8N90 Datasheet
394Kb / 6P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS
MTE50N45 MOTOROLA-MTE50N45 Datasheet
391Kb / 7P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT MODE SILICON GATE TMOS
MTD3055EL MOTOROLA-MTD3055EL Datasheet
380Kb / 6P
   TMOS IV Power Field Effect Transistor(N-Channel Enhancement-Mode Silicon Gate)
MTD2N20 MOTOROLA-MTD2N20 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE
MTP15N05E MOTOROLA-MTP15N05E Datasheet
172Kb / 5P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com