Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC16BT Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC16BT
Description  16K I2C??Serial EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16BT Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC16BT Datasheet HTML 5Page - Microchip Technology 24LC16BT Datasheet HTML 6Page - Microchip Technology 24LC16BT Datasheet HTML 7Page - Microchip Technology 24LC16BT Datasheet HTML 8Page - Microchip Technology 24LC16BT Datasheet HTML 9Page - Microchip Technology 24LC16BT Datasheet HTML 10Page - Microchip Technology 24LC16BT Datasheet HTML 11Page - Microchip Technology 24LC16BT Datasheet HTML 12Page - Microchip Technology 24LC16BT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2009 Microchip Technology Inc.
DS21703H-page 9
24AA16/24LC16B
FIGURE 6-2:
PAGE WRITE
S
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Word
Address
(n)
Data (n)
Data (n + 15)
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data (n + 1)
B1
B2
B0
1 0 1 0
0
Block
Select
Bits


Similar Part No. - 24LC16BT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16BT MICROCHIP-24LC16BT Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24LC16BT-H/OT MICROCHIP-24LC16BT-H/OT Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
24LC16BT-H/OT16KVAO MICROCHIP-24LC16BT-H/OT16KVAO Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
24LC16BT-H/SN MICROCHIP-24LC16BT-H/SN Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
24LC16BT-H/SN16KVAO MICROCHIP-24LC16BT-H/SN16KVAO Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
More results

Similar Description - 24LC16BT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
24AA16 MICROCHIP-24AA16_03 Datasheet
317Kb / 24P
   16K I2C??Serial EEPROM
2003
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
   16K I2C Serial EEPROM
07/14/15
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
21054E MICROCHIP-21054E Datasheet
76Kb / 12P
   16K 1.8V I2C SERIAL EEPROM
1996
logo
Integral Corp.
IN24LC16 INTEGRAL-IN24LC16 Datasheet
212Kb / 10P
   16K SERIAL EEPROM WITH I2C BUS
logo
KODENSHI_AUK CORP.
KK24LC16 KODENSHI-KK24LC16 Datasheet
174Kb / 3P
   16K Serial EEPROM with I2C bus
logo
Microchip Technology
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
KODENSHI_AUK CORP.
KK24LC16B KODENSHI-KK24LC16B Datasheet
195Kb / 3P
   16K Serial EEPROM with I2C bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com