Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MABA-007493-CF4160 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. MABA-007493-CF4160
Description  4:1 Flux Coupled Step-up Transformer 1-350MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007493-CF4160 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-007493-CF4160 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007493-CF4160 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-007493-CF4160 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
4:1 Flux Coupled Step-up Transformer
1-350MHz
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev: V1P
MABA-007493-CF4160
Features
n
Surface Mount
n
4:1 Impedance
n
260°C Reflow Compatible
n
RoHS* Compliant
n
RoHS version of ETC4-1 and MABACT0011.
n
Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABA-007493-CF4160 is a 4:1 flux
coupled step-up transformer in a low cost, surface
mount package. Ideally suited for high volume
CATV/Broadband applications.
Ordering Information
Part Number
Package
MABA-007493-CF4160TR
2000 piece reel
MABA-007493-CF41TB
Customer test board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary
2
Secondary CT
3
Secondary Dot
4
Primary
5
Primary Dot
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-22
(3.30)
(2.54)
0.100
(0.762)
(1.397)
0.055
(4.83)
0.190
0.130
0.030
(3.81 MAX)
0.150 MAX
(0.762)
0.030
0.030
(0.762)
0.030
(0.762)
(1.27)
0.050
(3.81)
0.150
(3.81)
0.150
(1.65)
0.065


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn