Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM100DY-24A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. CM100DY-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100DY-24A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM100DY-24A_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb. 2009
5
MITSUBISHI IGBT MODULES
CM100DY-24A
HIGH POWER SWITCHING USE
GATE CHARGE
CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
VCC = 600V
VCC = 400V
IC = 100A
0
4
8
16
12
20
0
400
200
800
600


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn