Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM100DY-24A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. CM100DY-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100DY-24A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM100DY-24A_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb. 2009
3
MITSUBISHI IGBT MODULES
CM100DY-24A
HIGH POWER SWITCHING USE
150
200
50
100
0
0
468
10
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
Tj = 25
°C
11
12
10
9
VGE =
20V
2
15
13
4
3
2
1
0
050
150
100
200
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
VGE = 15V
Tj = 25
°C
Tj = 125
°C
10
8
6
4
2
0
20
12
14
68
10
16
18
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
Tj = 25
°C
IC = 200A
IC = 100A
IC = 40A
101
2
3
5
7
102
2
3
5
7
103
012
4
35
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
Tj = 25
°C
Tj = 125
°C
10–1
10–2
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
102
101
100
10–1
2
100
35 7
2
101
35 7
2
102
35 7
CAPACITANCE–VCE
CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
Cies
Coes
Cres
VGE = 0V
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
101
102
57
103
23
5
7
23
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
Conditions:
VCC = 600V
VGE =
±15V
RG = 3.1
Tj = 125
°C
Inductive load
td(off)
td(on)
tf
tr
PERFORMANCE CURVES


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn