Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM75DU-24H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM75DU-24H
Description  IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM75DU-24H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM75DU-24H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM75DU-24H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM75DU-24H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM75DU-24H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb. 2009
3
MITSUBISHI IGBT MODULES
CM75DU-24H
HIGH POWER SWITCHING USE
INSULATED TYPE
PERFORMANCE CURVES
10
8
6
4
2
0
20
0
48
12
16
Tj = 25
°C
IC = 150A
IC = 75A
IC = 30A
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
10–1 2
100
35 7
2
101
35 7
2
102
35 7
VGE = 0V
Cies
Coes
Cres
0
25
50
75
150
100
125
048
12
16
20
VCE = 10V
Tj = 25
°C
Tj = 125
°C
5
4
3
2
1
0
150
0
50
100
125
25
75
Tj = 25
°C
Tj = 125
°C
VGE = 15V
0
25
50
75
150
100
125
02468
10
VGE = 20
(V)
Tj = 25
°C
15
11
12
10
9
8
101
102
2
3
5
7
2
3
5
7
1.0
1.5
2.0
2.5
3.0
3.5
7
Tj = 25
°C
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
CAPACITANCE CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
GATE-EMITTER VOLTAGE VGE (V)


Similar Part No. - CM75DU-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DU-24H MITSUBISHI-CM75DU-24H Datasheet
46Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM75DU-24H POWEREX-CM75DU-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 75 Amperes/1200 Volts
More results

Similar Description - CM75DU-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM75TU-24H MITSUBISHI-CM75TU-24H_09 Datasheet
118Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-24H MITSUBISHI-CM200DU-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200E3U-12H MITSUBISHI-CM200E3U-12H_09 Datasheet
80Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM400HU-24H MITSUBISHI-CM400HU-24H_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HA-5F MITSUBISHI-CM600HA-5F_00 Datasheet
53Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HN-5F MITSUBISHI-CM600HN-5F_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com