Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA74A Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA74A
Description  Power Dual Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA74A Datasheet(HTML) 3 Page - Cirrus Logic

  PA74A Datasheet HTML 1Page - Cirrus Logic PA74A Datasheet HTML 2Page - Cirrus Logic PA74A Datasheet HTML 3Page - Cirrus Logic PA74A Datasheet HTML 4Page - Cirrus Logic PA74A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA74/76 • PA74A/76A
PA74-76U
3
-80
140
100
60
20
-20
0.4
1.2
1.0
0.8
0.6
2.0
1.8
1.5
1.4
CASE TEMPERATURE, T
C (°C)
NORMALIZED QUIESCENT CURRENT
vs. CASE TEMPERATURE
NORMALIZED QUIESCENT CURRENT
vs. SUPPLY VOTAGE
SUPPLY VOLTAGE, V
S (V)
20
0
15
10
5
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
OUTPUT VOLTAGE SWING
OUTPUT CURRENT, I
O (A)
0.0
3.5
0.5 1.0 1.5 2.0 2.5 3.0
1.5
1.0
0.5
0.0
2.0
2.5
3.0
3.5
4.0
PULSE RESPONSE
TIME, t (s)
400
1.4K
1.2K
1.0K
800
600
200
0
-10
15
10
5
0
-5
-15
+V
S = +15V
A
V = +1
V
IN = 10Vp
-V
S = -15V
R
L = 10Ω
f
IN = 1KHz
PULSE RESPONSE
TIME, t (s)
20
70
60
50
40
30
10
0
-10
15
10
5
0
-5
-15
+V
S = +15V
A
V = +1
V
IN = 10Vp
-V
S = -15V
R
L = 10Ω
f
IN = 20KHz
0
40
80
120 160
-40
-80
1.0
0.9
0.8
0.7
0.6
1.1
1.2
1.3
TEMPERATURE, (°C)
I
B
FREQUENCY, f (Hz)
80
120
160
200
240
280
1K
10K
100K
1M
10M
PHASE vs. FREQUENCY
FREQUENCY, f (Hz)
60
40
20
0
-20
-40
1K
10K
100K
1M
10M
VOLTAGE GAIN vs. FREQUENCY
80
V
OS
120
80
40
0
-40
-4
8
4
0
TEMPERATURE, (°C)


Similar Part No. - PA74A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA74A APEX-PA74A Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - PA74A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA75CC ETC2-PA75CC Datasheet
773Kb / 5P
   Dual Power Operational Amplifiers
logo
Cirrus Logic
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com