Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11D2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # H11D2
Description  6-Pin DIP Optoisolators High Voltage Transistor Output(300 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

H11D2 Datasheet(HTML) 1 Page - Motorola, Inc

  H11D2 Datasheet HTML 1Page - Motorola, Inc H11D2 Datasheet HTML 2Page - Motorola, Inc H11D2 Datasheet HTML 3Page - Motorola, Inc H11D2 Datasheet HTML 4Page - Motorola, Inc H11D2 Datasheet HTML 5Page - Motorola, Inc H11D2 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
High Voltage Transistor Output
(300 Volts)
The H11D1 and H11D2 consist of gallium arsenide infrared emitting diodes
optically coupled to high voltage, silicon, phototransistor detectors in a standard
6–pin DIP package. They are designed for high voltage applications and are
particularly useful in copy machines and solid state relays.
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
Applications
• Copy Machines
• Interfacing and coupling systems of different potentials and impedances
• Monitor and Detection Circuits
• Solid State Relays
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Forward Current — Continuous
IF
60
mA
Forward Current — Peak
Pulse Width = 1
µs, 330 pps
IF
1.2
Amps
LED Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
120
1.41
mW
mW/
°C
OUTPUT TRANSISTOR
Collector–Emitter Voltage
VCER
300
Volts
Emitter–Collector Voltage
VECO
7
Volts
Collector–Base Voltage
VCBO
300
Volts
Collector Current — Continuous
IC
100
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Operating Temperature Range(3)
TJ
– 55 to +100
°C
Storage Temperature Range(3)
Tstg
– 55 to +150
°C
Soldering Temperature (10 s)
TL
260
°C
Isolation Surge Voltage
Peak ac Voltage, 60 Hz, 1 Second Duration(1)
VISO
7500
Vac(pk)
1. Isolation surge voltage is an internal device dielectric breakdown rating. For this test, Pins 1 and 2
1. are common, and Pins 4, 5 and 6 are common.
2. H11D1 is rated @ 5656 Volts peak (VISO). H11D2 is rated @ 3535 Volts peak (VISO)
1. Otherwise they are identical, both parts built by Motorola are rated @ 7500 Volts peak (VISO)
3. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by H11D1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
© Motorola, Inc. 1995
H11D1
H11D2
*Motorola Preferred Device
SCHEMATIC
[CTR = 20% Min]
*
STANDARD THRU HOLE
CASE 730A–04
STYLE 1 PLASTIC
PIN 1. ANODE
2. CATHODE
3. N.C.
4. EMITTER
5. COLLECTOR
6. BASE
1
2
3
6
5
4
6
1
REV 1


Similar Part No. - H11D2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11D2 FAIRCHILD-H11D2 Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
H11D2 VISHAY-H11D2 Datasheet
120Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
Rev. 1.5, 19-Nov-07
logo
ISOCOM COMPONENTS
H11D2 ISOCOM-H11D2 Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
H11D2 VISHAY-H11D2 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2022
H11D2 VISHAY-H11D2 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2023
More results

Similar Description - H11D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8204 MOTOROLA-MOC8204 Datasheet
295Kb / 6P
   6-Pin DIP Optoisolators High Voltage Transistor Output(400 Volts)
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Motorola, Inc
M4N26 MOTOROLA-M4N26 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
H11AA1 MOTOROLA-H11AA1 Datasheet
281Kb / 6P
   6-Pin DIP Optoisolators AC Input/Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com