Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA15FL Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA15FL
Description  High Voltage Power Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA15FL Datasheet(HTML) 2 Page - Cirrus Logic

  PA15FL Datasheet HTML 1Page - Cirrus Logic PA15FL Datasheet HTML 2Page - Cirrus Logic PA15FL Datasheet HTML 3Page - Cirrus Logic PA15FL Datasheet HTML 4Page - Cirrus Logic PA15FL Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA15FL • PA15FLA
2
PA15FLU
ABSOLUTEMAXIMUMRATINGS
SUPPLY VOLTAGE, +V
S to –VS
450V
OUTPUT CURRENT, source, sink
See SOA
POWER DISSIPATION, continuous @ T
C = 25°C
30W
INPUT VOLTAGE, differential
±25V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s max
260°C
TEMPERATURE, junction2
150°C
TEMPERATURE RANGE, storage
–40 to +85°C
OPERATING TEMPERATURE RANGE, case
–25 to +85°C
SPECIFICATIONS
PA15FL
PA15FLA
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
2
10
.5
3
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
15
50
5
20
µV/°C
OFFSET VOLTAGE, vs. supply
10
50
*
*
µV/V
OFFSET VOLTAGE, vs. time
75
*
µV/√kh
BIAS CURRENT, initial
200
2000
*
*
pA
BIAS CURRENT, vs. supply
4
*
pA/V
OFFSET CURRENT, initial
50
500
30
200
pA
INPUT IMPEDANCE, DC
1011
*
Ω
INPUT CAPACITANCE
4
*
pF
COMMON MODE VOLTAGE RANGE3
±V
S –15
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V
80
98
*
*
dB
NOISE
10KHz BW, R
S = 1KΩ, CC = OPEN
2
*
µVrms
GAIN
OPEN LOOP, @ 15Hz
R
L = 2KΩ, CC = OPEN
94
111
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz R
L = 2KΩ, CC = OPEN
5.8
*
MHz
POWER BANDWIDTH
R
L = 2KΩ, CC = OPEN
24
*
kHz
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING3
I
O = ±200mA
±V
S–15
±V
S–10
*
*
V
CURRENT, continuous
±200
*
mA
SLEW RATE, A
V = 100
C
C = OPEN
20
20
30
V/µs
CAPACITIVE LOAD, A
V = +1
Full temperature range
100
*
pf
SETTLING TIME to .1%
C
C = OPEN, 2V step
2
*
µs
RESISTANCE, no load
50
*
Ω
POWER SUPPLY
VOLTAGE5
See note 5
±50
±150
±225
*
*
*
V
CURRENT, quiescent,
2.0
3.0
*
*
mA
THERMAL
RESISTANCE, AC, junction to case 4
Full temperature range, F > 60Hz
2.5
*
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F < 60Hz
4.2
*
°C/W
RESISTANCE, junction to air
Full temperature range
30
*
°C/W
TEMPERATURE RANGE , Case
Meets full range specifications
–25
+85
*
*
°C
NOTES: *
The specification of PA15FLA is identical to the specification for PA15FL in applicable column to the left.
1. Unless otherwise noted: T
C = 25°C, compensation = CC = 33pF, RC = 1KΩ, RCL = 0. DC input specifications are ± value given.
Power supply voltage is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
3. +V
S and –VS denote the positive and negative power supply rail respectively.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Derate max supply rating .625 V/°C below 25°C case. No derating needed above 25°C case.
CAUTION
The PA15FL is constructed from MOSFET transistors. ESD handling procedures must be observed.
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850°C to
avoid generating toxic fumes.


Similar Part No. - PA15FL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FLA APEX-PA15FLA Datasheet
275Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FLA CIRRUS-PA15FLA Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
More results

Similar Description - PA15FL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com