Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # G1
Description  Voltage-Controlled Attenuator Module 5 to 2000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

G1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  G1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. G1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. G1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Voltage-Controlled Attenuator Module
5 to 2000 MHz
Rev. V4
G1 / SMG1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• AVAILABLE IN SURFACE MOUNT
• LOW VSWR: < 1.8:1 (TYP.)
• LOW INSERTION LOSS: 2.0 dB TO 1000 MHz (TYP.)
LOW DISTORTION: -25 dBc (TYP.) AT Vcontrol = +15 V
Description
The G1 attenuator is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This design uses three pin diodes to provide a non linear
attenuation response across a broadband frequency range.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
G1
TO-8
SMG1
Surface Mount
CG1 **
SMA Connectorized
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-2200
5-2000
5-2000
Maximum Attenuation Available (min)
5-500 MHz
500-1000 MHz
1000-2000 MHz
dB
dB
dB
36
30
23
31
25
18
30
24
17
Insertion Loss (Vctrl = +15 V) (max)
5-1000 MHz
1000-2000 MHz
dB
dB
2.0
2.5
2.5
3.0
2.8
3.3
VSWR (worst case in attenuation range)
5-2000 MHz
dB
<1.8:1
2.2:1
2.3:1
Flatness Over Frequency (max)
(Attenuation = min to 15 dB, 5-1000 MHz)
dB
+/-0.5
+/-1.0
+/-1.2
Switching Speed (max.)
10% - 90%
0% - 100%
µsec
µsec
60
75
120
125
140
140
Bias Voltage
Volts
+15
+15
+15
Bias Current
mA
10
15
15
Control Voltage
Volts
0 to +15
0 to +15
0 to +15
Control Current (max)
mA
4
7
7
*Over temperature performance limits for part number CG1, guaranteed from 0
oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Description - G1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
Tyco Electronics
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
   5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
logo
M/A-COM Technology Solu...
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
   Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
M/A-COM Technology Solu...
SMG40 MA-COM-SMG40 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Teledyne Technologies I...
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
   10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
   Attenuator 50 to 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com