Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA09A Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA09A
Description  Power Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA09A Datasheet(HTML) 3 Page - Cirrus Logic

  PA09A Datasheet HTML 1Page - Cirrus Logic PA09A Datasheet HTML 2Page - Cirrus Logic PA09A Datasheet HTML 3Page - Cirrus Logic PA09A Datasheet HTML 4Page - Cirrus Logic PA09A Datasheet HTML 5Page - Cirrus Logic PA09A Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA09 • PA09A
PA09U
3
0
25
50
75
100
125
CASE TEMPERATURE, T
C (°C)
10
40
60
80
POWER DERATING
–55
100
4
8
9
CURRENT LIMIT
6
3
10
100
10K
1M
FREQUENCY, F (Hz)
1
3
5
8
10
OUTPUT VOLTAGE SWING
7
9
100K
COMMON MODE VOLTAGE
1K
10M
FREQUENCY, F (Hz)
COMMON MODE REJECTION
40
80
120
10K
100K
1K
FREQUENCY, F(Hz)
POWER SUPPLY REJECTION
15
INPUT NOISE
1K
10
15
20
–25
25
50
75
7
50
150
70
OUTPUT CURRENT, I
O (A)
1M
20
60
100
10K
100K
1M
100M
0
20
40
60
80
100
5
JUNCTION TEMPERATURE, T
J (°C)
4
6
30
300K
1M
3M
10M
30M
20
30
40
50
70
0
100M
10
2
1
125
2
3
4
5
10M
7
5
3
100K
7
30
20
0
| +V
S | + | –VS | = 80V
C
C= 100pF
FREQUENCY, F (Hz)
0
V/µs
GAIN
HIGH
300
100
30
10
3
1
1K
300
100
3
1
30
10
SLEW RATE vs. COMP.
1000
COMPENSATION CAPACITOR, C
C (pF)
LOW
100
80
60
40
20
0
-20
100M
10M
1M
100K
100
10
10K
1K
5pF
33pF
100pF
15pF
FREQUENCY, F (Hz)
SMALL SIGNAL RESPONSE
0
-40
-80
-120
-160
-200
100M
10M
1M
100K
100
10
10K
1K
FREQUENCY, F (Hz)
PHASE RESPONSE
5pF
33pF
100pF
330pF
15pF
ALL
OTHERS
330pF
6.2pF
33pF
100pF
330pF
15pF
60
50
40
30
20
10
1M
3K
1K
30
10
300
100
FREQUENCY, F (KHz)
POWER RESPONSE
90
80
70
100
330pF
30
60
80
TOTAL SUPPLY VOLTAGE, V
S (V)
1.4
QUIESCENT CURRENT
1.2
40
50
70
.6
.8
1.0
1.6


Similar Part No. - PA09A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA09A APEX-PA09A Datasheet
281Kb / 5P
   VIDEO POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - PA09A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com