Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA07A Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA07A
Description  FET Input Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA07A Datasheet(HTML) 4 Page - Cirrus Logic

  PA07A Datasheet HTML 1Page - Cirrus Logic PA07A Datasheet HTML 2Page - Cirrus Logic PA07A Datasheet HTML 3Page - Cirrus Logic PA07A Datasheet HTML 4Page - Cirrus Logic PA07A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA07 • PA07A
4
PA07U
GeneraL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.Cirrus.com for design tools that help
automate tasks such as calculations for stability, internal power
dissipation, current limit; heat sink selection; Apex Precision
Power’s completeApplication Notes library;Technical Seminar
Workbook; and Evaluation Kits.
saFeoPeratinGarea(soa)
The output stage of most power amplifiers has three distinct
limitations:
1. The current handling capability of the wire bonds.
2. The second breakdown effect which occurs whenever the
simultaneous collector current and collector-emitter voltage
exceed specified limits.
3. The junction temperature of the output transistors.
saFeoPeratinGareacurVes
The SOA curves combine the effect of these limits. For a
given application, the direction and magnitude of the output
current should be calculated or measured and checked against
the SOA curves. This is simple for resistive loads but more
complex for reactive and EMF generating loads. However,
the following guidelines may save extensive analytical efforts.
1. For DC outputs, especially those resulting from fault condi-
tions, check worst case stress levels against the new SOA
graph.
For sine wave outputs, use Power Design1 to plot a load
line. Make sure the load line does not cross the 0.5ms limit
and that excursions beyond any other second breakdown
line do not exceed the time label, and have a duty cycle of
no more than 10%.
For other waveform outputs, manual load line plotting is
recommended. Applications Note 22, SOA AND LOAD
LINES, will be helpful. A Spice type analysis can be very
useful in that a hardware setup often calls for instruments
or amplifiers with wide common mode rejection ranges.
Tc =
125°
C
THE
RMA
L
ste
ady
sta
te
SE
CO
ND
BR
EA
KD
OW
N
t =
1m
s
t =
5m
s
t =
0.5
ms
.2
.3
.4
.6
.8
1.0
1.5
2.0
3.0
4.0
5.0
10
15
20
25 30 35 40
50 60 70 80
100
Tc =
85°C
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE VS – VO (V)
2. The amplifier can handle any reactive or EMF generating
load and short circuits to the supply rail or common if the
current limits are set as follows at T
C = 85°C:
SHORT TO ±V
S
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
50V
.21A
.61A
40V
.3A
.87A
30V
.46A
1.4A
20V
.87A
2.5A
15V
1.4A
4.0A
These simplified limits may be exceeded with further analysis
using the operating conditions for a specific application.
3. The output stage is protected against transient flyback.
However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
tHerMaLsHutdownProtection
The thermal protection circuit shuts off the amplifier when
the substrate temperature exceeds approximately 150°C.This
allows heatsink selection to be based on normal operating
conditions while protecting the amplifier against excessive
junction temperature during temporary fault conditions.
Thermal protection is a fairly slow-acting circuit and therefore
does not protect the amplifier against transient SOA violations
(areas outside of the T
C = 25°C boundary). It is designed to
protect against short-term fault conditions that result in high
power dissipation within the amplifier. If the conditions that
cause thermal shutdown are not removed, the amplifier will
oscillate in and out of shutdown. This will result in high peak
power stresses, will destroy signal integrity and reduce the
reliability of the device.
currentLiMit
Proper operation requires the use of two current limit resis-
tors, connected as shown in the external connections diagram.
The minimum value for R
CL is .12Ω, however, for optimum
reliability it should be set as high as possible. Refer to the
“General Operating Considerations” section of the handbook
for current limit adjust details.
1
Note 1. Power Design is a self-extracting Excel spreadsheet
available free from www.Cirrus.com


Similar Part No. - PA07A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - PA07A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
   FET INPUT OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL062 UMW-TL062 Datasheet
1Mb / 9P
   Low power J-FET input operational amplifier
logo
NEC
UPC4061 NEC-UPC4061 Datasheet
301Kb / 10P
   J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM062 NJRC-NJM062 Datasheet
224Kb / 6P
   J-FET INPUT OPERATIONAL AMPLIFIER
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
   J-FET INPUT OPERATIONAL AMPLIFIER??????
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4601 TI1-THS4601_14 Datasheet
614Kb / 32P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
logo
NEC
UPC4081 NEC-UPC4081 Datasheet
280Kb / 10P
   J-FET INPUT OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com