Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA03 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA03
Description  Power Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA03 Datasheet(HTML) 4 Page - Cirrus Logic

  PA03 Datasheet HTML 1Page - Cirrus Logic PA03 Datasheet HTML 2Page - Cirrus Logic PA03 Datasheet HTML 3Page - Cirrus Logic PA03 Datasheet HTML 4Page - Cirrus Logic PA03 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA03 • PA03A
4
PA02U
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.cirrus.com for design tools that help
automate tasks such as calculations for stability, internal power
dissipation, current limit; heat sink selection; Apex Precision
Power’s completeApplication Notes library;Technical Seminar
Workbook; and Evaluation Kits.
MOUNTINGPRECAUTIONS
The PA03 copper base is very soft and easily bent. Do not
put any stress on the mounting ears of this package.This calls
for caution when pushing the amplifier into certain types of
packaging foam and particularly when inserting the device into
a socket. Insert the amplifier into the socket only by pushing
on the perimeter of the package lid. Pushing the unit into the
socket by applying pressure to the mounting tabs will bend
the base due to the high insertion force required. The base
will then not contact the heatsink evenly resulting in very poor
heat transfer. To remove a unit from a socket, pry the socket
away from the heatsink so that the heatsink will support the
amplifier base evenly. Recommended mounting torque is 8–10
in.-lbs. (.9–1.13 N•m).
SAFEOPERATINGAREA(SOA)
Due to the internal (non-adjustable) current limit of the PA03,
worst case power dissipation calculations must assume cur-
rent capability of 46 amps. Application specific circuits should
be checked against the SOA curve when relying upon current
limit for fault protection.
SAFEOPERATINGAREACURVES
Second breakdown limitations do apply to the PA03 but are
less severe, since junction temperature limiting responds within
10ms. Stress levels shown as being safe for more than 10ms
duration will merely cause thermal shutdown.
Under normal operating conditions, activation of the thermal
shutdown is a sign that the internal junction temperatures have
reached approximately 175°C. Thermal shutdown is a short
term safety feature.If the conditions remain that cause thermal
shutdown, the amplifier will oscillate in and out of shutdown,
creating peak high power stresses, destroying useful signals,
and reducing the reliability of the device.
BALANCECONTROL
The voltage offset of the PA03 may be externally adjusted
to zero. To implement this adjustment install a 100 to 200 ohm
potentiometer between pins 11 and 12 and connect the wiper
arm to the positive supply. Bypass pins 11 and 12 each with
at least a .01µF ceramic capacitor.
If the optional adjust provision is not used, connect both
pins 11 and 12 to the positive supply.
OUTPUTSTAGESHUTDOWN
The entire power stage of the PA03 may be disabled us-
ing one of the circuits shown in Figure 1. There are many
applications for this function. One is a load protection based
on power delivered to the load or thermal rise. Another one is
conservation of power when using batteries. The control volt-
age requirements accommodate a wide variety logic drivers.
1. CMOS operating at +5V can drive the control pins di-
rectly.
2. CMOS operating at greater than 5V supplies need a voltage
divider.
3. TTL logic needs a pull up resistor to +5V to provide a swing
to the fully disabled voltage (3.5V). When not using the
shutdown feature, connect both pins 3 and 4 to common.
PHASECOMPENSATION
At low gain settings an external compensation capacitor
is required to insure stability. In addition to the resistive feed-
back network, roll off or integrating capacitors must also be
considered. A frequency of 1 MHz is most appropriate to cal-
culate gain. Operation at gains below 10, without the external
compensation capacitor opens the possibility of oscillations
near output saturation regions when under load, the improper
operation of the thermal shutdown circuit. This can result in
amplifier destruction.
At gains of 10 or more:
1. No external components are required.
2. Typical slew rate will be 8V/µs.
3. Typical phase margin will be 70°.
1
10
20
50
100
150
5
10
30
40
SUPPLY TO OUTPUT DIFFERENTIAL VS –VO (V)
CURRENT LIMIT ZONE
1.0mS
10mS
100mS
THERMAL
TC = 25°C
dc
SOA
EXTERNALCONNECTIONS
1
2
3
4
5
6
12
11
10
9
8
7
TOP
VIEW
BALANCE CONTROL
BALANCE CONTROL
PHASE COMP.
PHASE COMP.
+SUPPLY
+OUTPUT
–INPUT
+INPUT
–SHUT DN
+SHUT DN
–SUPPLY
–OUTPUT
Pins 6 & 7 must be
connected together.
If unused, tie Pins
11 & 12 to +SUPPLY.
† IMPORTANT: OBSERVE
MOUNTING PRECAUTIONS.
REVERSE INSERTION
WILL DESTROY UNIT.
The internal substrate contains beryllia (BeO).
Do not break the seal. If accidentally broken, do
not crush, machine, or subject to temperatures
in excess of 850°C to avoid generating toxic
fumes.
CAUTION


Similar Part No. - PA03

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA03 APEX-PA03 Datasheet
280Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA03 ETC2-PA03 Datasheet
602Kb / 5P
   Power Operational Amplifiers
logo
Pulse A Technitrol Comp...
PA0302NL PULSE-PA0302NL Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
logo
AZ Displays
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSJ AZDISPLAYS-PA035XSJ Datasheet
820Kb / 26P
   TECHNICAL SPECIFICATION
More results

Similar Description - PA03

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
   POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
   Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
   Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
   Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
   Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
   Power Operational Amplifiers
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com