Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAD-009195-000100 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part No. MAAD-009195-000100
Description  Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAAD-009195-000100 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Constant Phase Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V1
MAAD-009195-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended PCB Configuration
Absolute Maximum Ratings
5,6
Parameter
Absolute Maximum
Max Input Power 7
DC - 3.0 GHz
+26 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin 8
-0.5V ≤ Vin ≤ VCC + 0.5V
5.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
6.
M/A-COM does not recommend sustained operation near
these survivability limits.
7.
Maximum input power is specified with power applied to
RF1. If power is applied to RF2, then maximum input power
is +22 dBm.
8.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
Control Inputs
C5
C4
C3
C2
C1
Attenuation
0
0
0
0
0
Reference
0
0
0
0
1
0.5 dB
0
0
0
1
0
1 dB
0
0
1
0
0
2 dB
0
1
0
0
0
4 dB
1
0
0
0
0
8 dB
1
1
1
1
31 dB
1
0 = TTL Low; 1 = TTL High


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn