Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAD-009195-000100 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. MAAD-009195-000100
Description  Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAAD-009195-000100 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Constant Phase Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V1
MAAD-009195-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 0.5 dB steps to 15.5 dB
• Minimal Phase Variation over Attenuation Range
• Low DC Power Consumption
• Hermetic Surface Mount Package
• Integral TTL Driver
• 50 Ohm Nominal Impedance
• 260°C Reflow Compatible
• RoHS* Compliant
Description
M/A-COM’s MAAD-009195-000100 is a GaAs FET
5-bit digital attenuator with a 0.5 dB minimum step
size and 15.5 dB total attenuation. The design has
been optimized to minimize phase variation over the
attenuation range. This attenuator and integral TTL
driver is in a hermetically sealed ceramic 16-lead
surface mount package.
The MAAD-009195-
000100 is ideally suited for use where accuracy, fast
switching, very low power consumption and low in-
termodulation products are required. Typical appli-
cations include dynamic range setting in precision
receiver circuits and other gain/leveling control cir-
cuits. Environmental screening is available. Contact
the factory for information.
Ordering Information
Part Number
Package
MAAD-009195-000100
Bulk Packaging
MAAD-009195-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
1
Pin No.
Function
Pin No.
Function
1
RF1
9
C5
2
GND
10
+5V
3
GND
11
-5V
4
GND
12
C4
5
GND
13
C3
6
GND
14
C2
7
GND
15
C1
8
RF2
16
GND
1.
The metal bottom of the case must be connected to RF
and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn