Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MX-24A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. CM35MX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM35MX-24A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Jan. 2009
MITSUBISHI IGBT MODULES
CM35MX-24A
HIGH POWER SWITCHING USE
CM35MX-24A
¡IC ..................................................................... 35A
¡VCES ......................................................... 1200V
¡CIB (3-phase Converter +
3-phase Inverter + Brake)
¡Flatbase Type / Insulated Package /
Copper base plate
¡RoHS Directive compliant
APPLICATION
General purpose Inverters, Servo Amplif
iers
53
54
55
56
57
58
59
60
61
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22
52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31
30
29
28
27
26
25
24
23
99
121.7
*118.1
110 ±0.5
94.5
A
0.8
*4.2
*15.48
*11.66
*15.48
*19.28
*30.72
*34.52
*Pin positions
with tolerance
*26.9
*23.1
*38.34
*34.52
0
0
3.75
4-
φ5.5 MOUNTING HOLES
20.5
17
13
7
(3)
0.8
LABEL
TERMINAL t = 0.8
SECTION A
(7.4)
1.2
φ2.5
φ4.3
φ2.1
φ0.5
R(1~2) S(5~6) T(9~10)
GB(35)
N(57~58)
P(52~53)
B(24~25)
N1(60~61)
P1(54~55)
GuN(34)
GuP(49)
EuP(48)
GvN(33)
GvP(44)
EvP(43)
U(13~14)
GwN(32)
GwP(39)
EwP(38)
V(17~18)
W(21~22)
TH2(28)
TH1(29)
E(31)
* Use both terminals (R/S/T/P/N/P1/B/N1/U/V/W) to the external connection.
CIRCUIT DIAGRAM
Tolerance otherwise specified
Division of Dimension
0.5
to
3
over
3
to
6
over
6
to
30
over
30
to
120
over 120
to
400
Tolerance
±0.2
±0.3
±0.5
±0.8
±1.2
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn