Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MX-24A Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part No. CM35MX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM35MX-24A Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Jan. 2009
7
100
100
10–1
101
5
7
102
2
3
5
7
2
3
5
7
2
3
100
101
57
102
23
5
7
23
Conditions:
VCC = 600V
VGE =
±15V
IC, IE = 35A
Tj = 125
°C
Inductive load
100
101
57
102
23
5
7
23
Eoff
Eon
Err
100
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
Conditions:
VCC = 600V
VGE =
±15V
RG = 9.1
Ω
Tj = 25
°C
Inductive load
100
101
57
102
23
5
7
23
Irr
trr
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
Conditions:
VCC = 600V
VGE =
±15V
IC = 35A
Tj = 125
°C
Inductive load
101
100
10–1
Conditions:
VCC = 600V
VGE =
±15V
RG = 9.1
Ω
Tj = 125
°C
Inductive load
2
3
5
7
2
3
5
7
100
101
57
102
23
5
7
23
Eoff
Eon
Err
td(off)
td(on)
tr
tf
0
50
100
150
250
200
0
5
10
15
20
VCC = 400V
VCC = 600V
IC = 35A
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–523 5710–423 5710–323 5710–223 5710–123 57100 23 57101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
GATE RESISTANCE RG (
Ω)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
GATE RESISTANCE RG (
Ω)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR CURRENT IC (A)
EMITTER CURRENT IE (A)
REVERSE RECOVERY CHARACTERISTICS
OF FREE WHEELING DIODE
(TYPICAL) Inverter part
EMITTER CURRENT IE (A)
GATE CHARGE CHARACTERISTICS
(TYPICAL) Inverter part
GATE CHARGE QG (nC)
Single pulse,
TC = 25
°C
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
TIME (s)
Inverter IGBT part : Per unit base = Rth(j–c) = 0.42K/W
Inverter FWDi part : Per unit base = Rth(j–c) = 0.69K/W
Converter-Di part
: Per unit base = Rth(j–c) = 0.45K/W
Brake IGBT part
: Per unit base = Rth(j–c) = 0.48
K/W
Brake Clamp-Di part : Per unit base = Rth(j–c) = 1.1
K/W
MITSUBISHI IGBT MODULES
CM35MX-24A
HIGH POWER SWITCHING USE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn