Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MX-24A Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. CM35MX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM35MX-24A Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Jan. 2009
6
70
60
50
40
30
20
10
0
10
0
246
8
1
357
9
Tj = 25
°C
VGE =
20V
15
12
13
11
10
9
4
3.5
2
1.5
3
2.5
1
0.5
0
0
10
20
30
40
50
60
70
Tj = 25
°C
Tj = 125
°C
VGE = 15V
10
0
2
4
6
8
20
6
8
10
12
14
16
18
Tj = 25
°C
IC = 70A
IC = 35A
IC = 14A
101
100
5
7
2
3
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
102
5
7
2
3
Tj = 25
°C
Tj = 125
°C
10–1 2
100
35 7
2
101
35 7
2
102
35 7
10–2
7
5
3
2
10–1
7
5
3
2
100
7
5
3
2
101
7
5
3
2
102
Cies
VGE = 0V
Coes
Cres
100
101
23
5
7
102
23
5
7
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
td(off)
td(on)
tf
tr
Conditions:
VCC = 600V
VGE =
±15V
RG = 9.1
Ω
Tj = 125
°C
Inductive load
OUTPUT CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL) Inverter part
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL) Inverter part
FREE WHEELING DIODE
FORWARD CHARACTERISTICS
(TYPICAL) Inverter part
EMITTER-COLLECTOR VOLTAGE VEC (V)
CAPACITANCE CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR-EMITTER VOLTAGE VCE (V)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR CURRENT IC (A)
MITSUBISHI IGBT MODULES
CM35MX-24A
HIGH POWER SWITCHING USE
PERFORMANCE CURVES


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn