Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MX-24A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. CM35MX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM35MX-24A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Jan. 2009
5
MITSUBISHI IGBT MODULES
CM35MX-24A
HIGH POWER SWITCHING USE
trr, Qrr test waveform
t
IE
trr
Irr
1/2
Irr
Qrr = 1/2
Irr ✕ trr
0A
Switching time test circuit and waveforms
VCC
+
IC
VCE
IE
Arm
RG
VGE
+
VGE
VGE
Load
0V
VGE
VGE
IC
td(on)
td(off)
tr
tf
90%
10%
0V
0A
90%
0%
P side Inverter part Tr
(example of U arm)
VG*E* = 0V
(GvP-EvP, GwP-EwP, GvN-E, GwN-E, GB-E)
N side Inverter part Tr
(example of U arm)
VG*E* = 0V
(GvP-EvP, GwP-EwP, GvN-E, GwN-E, GB-E)
Br Tr
VG*E* = 0V
(GuP-EuP, GvP-EvP, GwP-EwP,
GuN-E, GvN-E, GwN-E)
P side Inverter part Di
(example of U arm)
VG*E* = 0V
(GvP-EvP, GwP-EwP, GvN-E, GwN-E, GB-E)
N side Inverter part Di
(example of U arm)
VG*E* = 0V
(GvP-EvP, GwP-EwP, GvN-E, GwN-E, GB-E)
Br Di
VG*E* = 0V
(GuP-EuP, GvP-EvP, GwP-EwP,
GuN-E, GvN-E, GwN-E)
IC
VGE = 15V
P1
U
N1
VGE = 0V
GuP
EuP
GuN
E
V
IC
VGE = 15V
P1
U
N1
VGE = 0V
GuP
EuP
GuN
E
V
IC
VGE = 15V
P1
B
N1
GB
E
V
IE
VGE = 0V
P1
U
N1
VGE = 0V
GuP
EuP
GuN
E
V
IE
VGE = 0V
P1
U
N1
VGE = 0V
GuP
EuP
GuN
E
V
IF
VGE = 0V
P1
B
N1
GB
E
V
VCE(sat) test circuit
VEC/VFM test circuit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn