Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MX-24A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. CM35MX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM35MX-24A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Jan. 2009
2
MITSUBISHI IGBT MODULES
CM35MX-24A
HIGH POWER SWITCHING USE
ABSOLUTE MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
INVERTER PART
Symbol
Parameter
Conditions
Rating
Unit
VCES
VGES
IC
ICRM
PC
IE (Note.3)
IERM(Note.3)
Collector-emitter voltage
Gate-emitter voltage
Collector current
Maximum collector dissipation
Emitter current
(Free wheeling diode forward current)
G-E Short
C-E Short
DC, TC = 105
°C
Pulse
TC = 25
°C
TC = 25
°C
Pulse
1200
±20
35
70
295
35
70
V
A
W
A
(Note. 1)
(Note. 4)
(Note. 1, 5)
(Note. 1)
(Note. 4)
BRAKE PART
Rating
Unit
VCES
VGES
IC
ICRM
PC
VRRM(Note.3)
IF
(Note.3)
IFRM(Note.3)
Collector-emitter voltage
Gate-emitter voltage
Collector current
Maximum collector dissipation
Repetitive peak reverse voltage
Forward current
G-E Short
C-E Short
DC, TC = 121
°C
Pulse
TC = 25
°C
TC = 25
°C
Pulse
1200
±20
20
40
260
1200
20
40
V
A
W
V
A
(Note. 1)
(Note. 4)
(Note. 1, 5)
(Note. 1)
(Note. 4)
Symbol
Parameter
Conditions
CONVERTER PART
Rating
Unit
VRRM
Ea
IO
IFSM
I2t
Repetitive peak reverse voltage
Recommended AC input voltage
DC output current
Surge forward current
Current square time
3-phase full wave rectifying, TC = 141
°C
The sine half wave 1 cycle peak value, f = 60Hz,
non-repetitive
Value for one cycle of surge current
1600
440
35
350
510
V
Vrms
A
A2S
(Note. 1)
Symbol
Parameter
Conditions
MODULE
Rating
Unit
Tj
Tstg
Viso
Junction temperature
Storage temperature
Isolation voltage
Base plate flatness
Torque strength
Weight
Terminals to base plate, f = 60Hz, AC 1 minute
On the centerline X, Y
Mounting
M5 screw
(Typical)
–40 ~ +150
–40 ~ +125
2500
±0 ~ +100
2.5 ~ 3.5
270
°C
Vrms
μm
N·m
g
Note. 8: The base plate flatness measurement points are in the following figure.
(Note. 8)
Symbol
Parameter
Conditions
X
Y
+
Heat sink side
+:convex
:concave


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn