Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG3XAT3C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG3XAT3C1E
Description  5x5x1.3mm Tops 3 Power Cyan LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG3XAT3C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSG3XAT3C1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5x
x5
5x
x1
1..3
3m
mm
m T
To
op
pss 3
3 P
Po
ow
we
er
r C
Cy
ya
an
n
L
LE
ED
D
OSG3XAT3C1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
1
2.2
4.2
1.3
5
Cathode(-)
Anode(+)
(2.9)
Back View
Unite:mm
Tolerance:±0.20
0~+0.07 Max
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
800
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
3200
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=700mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=700mA
500
505
5010
nm
Luminous Flux
Φ
v
IF=700mA
-
130
180
lm
50% Power Angle
1/2
IF=700mA
-
120
-
deg
0
025
50
75
125
Ambient Temperature, TA ()
100
100
200
300
400
500
600
700
800
RJ-A=30
/W
RJ-A=25
/W
RJ-A
=20
/W
RJ-A=15
/W
Note: Don’t drive at rated current more than 5s without heat sink for Tops 3 emitter series.
LED & Application Technologies


Similar Part No. - OSG3XAT3C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAT1C1E OPTOSUPPLY-OSG3XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cyan LED
More results

Similar Description - OSG3XAT3C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAT1C1E OPTOSUPPLY-OSG3XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cyan LED
OSY5XAT3C1E OPTOSUPPLY-OSY5XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Amber LED
OSR5XAT3C1E OPTOSUPPLY-OSR5XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Red LED
OSR5XAT1C1E OPTOSUPPLY-OSR5XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Red LED
OSB5XATHC1E OPTOSUPPLY-OSB5XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mm Tops H Power Blue LED
OSW4XAT1C1E OPTOSUPPLY-OSW4XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cool White LED
OSG5XAT1C1E OPTOSUPPLY-OSG5XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Pure GreenLED
OSTCXBSGC1EVER.1 OPTOSUPPLY-OSTCXBSGC1EVER.1 Datasheet
120Kb / 1P
   5x5x1.3mm tops h power pure green & red &blue led
OSTCWBTHC1E_VER.A.1 OPTOSUPPLY-OSTCWBTHC1E_VER.A.1 Datasheet
125Kb / 1P
   5x5x1.3mm tops h power pure green & red &blue led
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
   Xeon 3 Power Cyan LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com