Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F103RDY7TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F103RDY7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RDY7TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F103RDY7TR Datasheet HTML 7Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 8Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 9Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 10Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 11Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 12Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 13Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 14Page - STMicroelectronics STM32F103RDY7TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Description
Doc ID 14611 Rev 7
11/123
2.1
Device overview
Table 2.
STM32F103xC, STM32F103xD and STM32F103xE features and peripheral
counts
Peripherals
STM32F103Rx
STM32F103Vx
STM32F103Zx
Flash memory in Kbytes
256
384
512
256
384
512
256
384
512
SRAM in Kbytes
48
64(1)
1.
64 KB RAM for 256 KB Flash are available on devices delivered in CSP packages only.
48
64
48
64
FSMC
No
Yes(2)
2.
For the LQFP100 and BGA100 packages, only FSMC Bank1 and Bank2 are available. Bank1 can only
support a multiplexed NOR/PSRAM memory using the NE1 Chip Select. Bank2 can only support a 16- or
8-bit NAND Flash memory using the NCE2 Chip Select. The interrupt line cannot be used since Port G is
not available in this package.
Yes
Timers
General-purpose
4
Advanced-control
2
Basic
2
Comm
SPI(I2S)(3)
3.
The SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the
I2S audio mode.
3(2)
I2C2
USART
5
USB
1
CAN
1
SDIO
1
GPIOs
51
80
112
12-bit ADC
Number of channels
3
16
3
16
3
21
12-bit DAC
Number of channels
2
2
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C (see Table 10)
Junction temperature: –40 to + 125 °C (see Table 10)
Package
LQFP64
WLCSP64
LQFP100, BGA100
LQFP144, BGA144


Similar Part No. - STM32F103RDY7TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103RDY7TR STMICROELECTRONICS-STM32F103RDY7TR Datasheet
3Mb / 143P
   High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
July 2018
More results

Similar Description - STM32F103RDY7TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103ZCH6 STMICROELECTRONICS-STM32F103ZCH6 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103ZEH6 STMICROELECTRONICS-STM32F103ZEH6 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103VDT6 STMICROELECTRONICS-STM32F103VDT6 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103RCT7 STMICROELECTRONICS-STM32F103RCT7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103ZDT6 STMICROELECTRONICS-STM32F103ZDT6 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103ZEH7 STMICROELECTRONICS-STM32F103ZEH7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103XC STMICROELECTRONICS-STM32F103XC_V01 Datasheet
3Mb / 143P
   High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
July 2018
STM32F103XC STMICROELECTRONICS-STM32F103XC_11 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
STM32F103XC STMICROELECTRONICS-STM32F103XC Datasheet
1Mb / 118P
   Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
STM32F103ZGT6 STMICROELECTRONICS-STM32F103ZGT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com