Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F101ZET6TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F101ZET6TR
Description  High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101ZET6TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F101ZET6TR Datasheet HTML 6Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 7Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 8Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 9Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 10Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 11Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 12Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 13Page - STMicroelectronics STM32F101ZET6TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
Description
STM32F101xC, STM32F101xD, STM32F101xE
10/106
Doc ID 14610 Rev 7
2
Description
The STM32F101xC, STM32F101xD and STM32F101xE access line family incorporates the
high-performance ARM® Cortex™-M3 32-bit RISC core operating at a 36 MHz frequency,
high-speed embedded memories (Flash memory up to 512 Kbytes and SRAM up to 48
Kbytes), and an extensive range of enhanced I/Os and peripherals connected to two APB
buses. All devices offer one 12-bit ADC, four general-purpose 16-bit timers, as well as
standard and advanced communication interfaces: up to two I2Cs, three SPIs and five
USARTs.
The STM32F101xx high-density access line family operates in the –40 to +85 °C
temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
mode allows the design of low-power applications.
The STM32F101xx high-density access line family offers devices in 3 different package
types: from 64 pins to 144 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the STM32F101xx high-density access line microcontroller family
suitable for a wide range of applications:
Medical and handheld equipment
PC peripherals gaming and GPS platforms
Industrial applications, PLC, printers, and scanners
Alarm systems and video intercom
Figure 1 shows the general block diagram of the device family.


Similar Part No. - STM32F101ZET6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101ZE STMICROELECTRONICS-STM32F101ZE Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers
STM32F101ZE STMICROELECTRONICS-STM32F101ZE Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
More results

Similar Description - STM32F101ZET6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101XC STMICROELECTRONICS-STM32F101XC_11 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers
STM32F101ZGT6 STMICROELECTRONICS-STM32F101ZGT6 Datasheet
1Mb / 108P
   XL-density access line, ARM-based 32-bit MCU with 768 KB to 1 MB Flash, 15 timers, 1 ADC and 10 communication interfaces
STM32F101T6U6A STMICROELECTRONICS-STM32F101T6U6A Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101C4T6A STMICROELECTRONICS-STM32F101C4T6A Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101C6T6 STMICROELECTRONICS-STM32F101C6T6 Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
972Kb / 73P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101R6T6 STMICROELECTRONICS-STM32F101R6T6 Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101X8 STMICROELECTRONICS-STM32F101X8_09 Datasheet
999Kb / 81P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
STM32F101RBH6 STMICROELECTRONICS-STM32F101RBH6 Datasheet
1Mb / 90P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
STM32F101X8 STMICROELECTRONICS-STM32F101X8_10 Datasheet
1Mb / 85P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com