Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW-205-PIN Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SW-205-PIN
Description  Matched GaAs SPDT Switch, 5 - 3000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-205-PIN Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SW-205-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-205-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-205-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Matched GaAs SPDT Switch,
5 - 3000 MHz
Rev. V3
SW-205-PIN / SW-206-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Schematic
+VDC
NC
GND
RF Common
GND
GND
Control Input
GND
GND
GND
GND
GND
RF1
RF2
50
50
Typical Performance Curves
Insertion Loss
VSWR
Isolation
0.0
1.0
2.0
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
F re que nc y ( M H z)
+ 85°C
+ 25 °C
- 55 °C
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Fre que nc y ( M Hz)
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
F re que nc y ( M H z)


Similar Part No. - SW-205-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
   Matched GaAs SPDT Switch, 5 - 3000 MHz
More results

Similar Description - SW-205-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205 MACOM-SW-205 Datasheet
105Kb / 2P
   Matched GaAs SPDT Switch 5 - 3000 MHz
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
   Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
   GaAs SPDT Switch 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
   GaAs SPDT Switch, 5 - 3000 MHz
logo
Tyco Electronics
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
   GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
   Matched GaAs SPST Switch, 5 - 3000 MHz
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
   Matched GaAs SPST Switch 5 - 3000 MHZ
logo
M/A-COM Technology Solu...
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
   Matched GaAs SPST Switch, 5 - 3000 MHz
logo
Tyco Electronics
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
   Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
   Matched GaAs SPDT Switch, 5 - 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com