Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR01-05S33 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DUR01-05S33
Description  1 WATT UNREGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DUR01-05S33 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DUR01-05S33 Datasheet HTML 1Page - RSG Electronic Components GmbH DUR01-05S33 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER:04
2 / 2
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(3)
Eff
(4)
(%)
Capacitor
Load max
(5)
DUR01-33S33
3.0 – 3.6 VDC
3.3 VDC
303mA
473mA
68
6.2uF
DUR01-33S05
3.0 – 3.6 VDC
5 VDC
200mA
451mA
70
6.2uF
DUR01-33S12
3.0 – 3.6 VDC
12 VDC
84mA
449mA
72
6.2uF
DUR01-33S15
3.0 – 3.6 VDC
15 VDC
66mA
423mA
75
6.2uF
DUR01-05S33
4.5 – 5.5 VDC
3.3 VDC
303mA
312mA
68
6.2uF
DUR01-05S05
4.5 – 5.5 VDC
5 VDC
200mA
303mA
70
6.2uF
DUR01-05S12
4.5 – 5.5 VDC
12 VDC
84mA
272mA
78
6.2uF
DUR01-05S15
4.5 – 5.5 VDC
15 VDC
66mA
262mA
80
6.2uF
DUR01-12S33
10.8 – 13.2 VDC
3.3 VDC
303mA
131mA
68
6.2uF
DUR01-12S05
10.8 – 13.2 VDC
5 VDC
200mA
126mA
70
6.2uF
DUR01-12S12
10.8 – 13.2 VDC
12 VDC
84mA
113mA
78
6.2uF
DUR01-12S15
10.8 – 13.2 VDC
15 VDC
66mA
109mA
80
6.2uF
DUR01-15S33
13.5 – 16.5 VDC
3.3 VDC
303mA
105mA
68
6.2uF
DUR01-15S05
13.5 – 16.5 VDC
5 VDC
200mA
101mA
70
6.2uF
DUR01-15S12
13.5 – 16.5 VDC
12 VDC
84mA
91mA
78
6.2uF
DUR01-15S15
13.5 – 16.5 VDC
15 VDC
66mA
87mA
80
6.2uF
DUR01-24S33
21.6 – 26.4 VDC
3.3 VDC
303mA
64mA
70
6.2uF
DUR01-24S05
21.6 – 26.4 VDC
5 VDC
200mA
63mA
70
6.2uF
DUR01-24S12
21.6 – 26.4 VDC
12 VDC
84mA
57mA
78
6.2uF
DUR01-24S15
21.6 – 26.4 VDC
15 VDC
66mA
54mA
80
6.2uF
Note
1.
The DUR01 series required a minimum 10% loading on the output to
maintain specified regulation. Operation under no-load condition will not
damage these devices, however they may not meet all listed specification
50
60
70
80
90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
DUR01-24S05 Derating Curve
Nature convection
2.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
(Ground fixed and controlled environment)
3.
Maximum value at nominal input voltage and full load of standard type.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
0.45(11.5)
All dimensions in inches(mm)
Tolerance : x.xx±0.02(x.x±0.5)
x.xxx±0.01(x.xx±0.25)
Pin pitch tolerance ±0.014(0.35)
0.24(6.0)
0.40(10.2)
0.16(4.1)
0.10(2.5)
STANDARD
0.01x 0.02 ( 0.25 x 0.5)
Rectangular Pin
FRONT VIEW
PIN
SINGLE
1
- INPUT
2
+ INPUT
0.02(0.5)
3
- OUTPUT
4
+ OUTPUT
0.05(1.2)
0.08(2.03)
0.30(7.6)
1
2
4 3
BOTTOM VIEW
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - DUR01-05S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DUR01-05S33 ETC-DUR01-05S33 Datasheet
90Kb / 2P
   standard building blocks for on-board distributed power
logo
Power Mate Technology C...
DUR01-05S33 P-DUKE-DUR01-05S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
DUR01-05S33 P-DUKE-DUR01-05S33 Datasheet
217Kb / 2P
   1WATTS DC-DC CONVERTER
More results

Similar Description - DUR01-05S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DUR01-33S33 P-DUKE-DUR01-33S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-05S05 RSG-DU1P0-05S05 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-05S05 P-DUKE-DU1P0-05S05 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com